Electronic Components Datasheet Search
  English  ▼

X  

MAX271ENG Datasheet(PDF) 1 Page - Analog Devices

Part # MAX271ENG
Description  Digitally-Programmed, Dual 2nd-Order Continuous Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX271ENG Datasheet(HTML) 1 Page - Analog Devices

  MAX271ENG Datasheet HTML 1Page - Analog Devices MAX271ENG Datasheet HTML 2Page - Analog Devices MAX271ENG Datasheet HTML 3Page - Analog Devices MAX271ENG Datasheet HTML 4Page - Analog Devices MAX271ENG Datasheet HTML 5Page - Analog Devices MAX271ENG Datasheet HTML 6Page - Analog Devices MAX271ENG Datasheet HTML 7Page - Analog Devices MAX271ENG Datasheet HTML 8Page - Analog Devices MAX271ENG Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Digitally-Programmed, Dual
2nd-Order Continuous Lowpass Filter
MAX270/MAX271
19-3701; Rev 2; 1/12
Devices are available in a lead(Pb)-free/RoHS-compliant package.
Specify lead-free by adding a plus (+) to the part number when
ordering.
Ordering Information
Pin Configurations
Typical Operating Circuit
General Description
The MAX270/MAX271 are digitally-programmed, dual
second-order continuous-time lowpass filters. Their typi-
cal dynamic range of 96dB surpasses most switched
capacitor filters which require additional filtering to
remove clock noise. The MAX270/MAX271 are ideal for
anti-aliasing and DAC smoothing applications and can
be cascaded for higher-order responses.
The two filter sections are independently programmable
by either microprocessor (FP) control or pin strapping.
Cutoff frequencies in the 1kHz to 25kHz range can be
selected.
The MAX270 has an on-board, uncommitted op amp,
while the MAX271 has an internal track-and-hold (T/H).
Applications
Lowpass Filtering
Anti-Aliasing Filter
Output Smoothing
Low-Noise Applications
Anti-Aliasing and Track-and-Hold (MAX271)
Features
S
Continuous-Time Filtering - No Clock Required
S
Dual 2nd-Order Lowpass Filters
S
Sections Independently Programmable: 1kHz to
25kHz
S
96dB Dynamic Range
S
No External Components
S
Cascadable for Higher Order
S
Low-Power Shutdown Mode
S
Track-and-Hold (MAX271)
V+
+5V
-5V
FILTER A
ANTI-ALIASING
INA
OUTA
IN
V-
GND
FILTER B
ANTI-ALIASING
AO
CS
D0-D6
µP OR PIN-STRAP CONTROL
OUTB
INB
DSB
DAC
A/D WITH
T/H
OUT
WR
MAX270
OUTA
SHDN
D4
1
2
20
19
OP OUT
V+
D6
D5
OP IN
PDIP/SO(W)
TOP VIEW
3
4
18
17
INB
OUTB
D0
5
6
16
15
INA
V-
D2
D1
D3
7
8
14
13
GND
Pin Configurations
continued at end
of data sheet.
A0
912
WR
CS
10
11
MAX270
PART
TEMP RANGE
PIN-PACKAGE
MAX270CPP
0NC to +70NC
20 PDIP
MAX270CWP
0NC to +70NC
20 Wide SO
MAX270EPP
-40NC to +85NC
20 PDIP
MAX270EWP
-40NC to +85NC
20 Wide SO
MAX271CNG
0NC to +70NC
20 PDIP
MAX271CWG
0NC to +70NC
20 Wide SO
MAX271ENG
-40NC to +85NC
20 PDIP
MAX271EWG
-40NC to +85NC
20 Wide SO
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com.


Similar Part No. - MAX271ENG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX271ENG MAXIM-MAX271ENG Datasheet
501Kb / 16P
Digitally-Programmed, Dual 2nd-Order Continuous Lowpass Filters
19-3701; Rev 1; 8/91
More results

Similar Description - MAX271ENG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1062 LINER-LTC1062 Datasheet
824Kb / 11P
5th Order Lowpass Filter
LTC1064-7 LINER-LTC1064-7 Datasheet
298Kb / 12P
Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7 Datasheet
226Kb / 8P
Linear Phase 8th Order Lowpass Filter
logo
Maxim Integrated Produc...
MAX270 MAXIM-MAX270 Datasheet
501Kb / 16P
Digitally-Programmed, Dual 2nd-Order Continuous Lowpass Filters
19-3701; Rev 1; 8/91
logo
National Semiconductor ...
MF6C NSC-MF6C Datasheet
627Kb / 18P
ORDER SWITCHED CAPACITOR BUTTERWORTH LOWPASS FILTER
logo
Linear Technology
LTC1062 LINER-LTC1062_09 Datasheet
191Kb / 16P
5th Order Lowpass Filter
LTC1064-7 LINER-LTC1064-7_09 Datasheet
217Kb / 16P
Linear Phase, 8th Order Lowpass Filter
LTC1062 LINER-LTC1062_15 Datasheet
201Kb / 16P
5th Order Lowpass Filter
LT10647FB LINER-LT10647FB_15 Datasheet
223Kb / 16P
Linear Phase, 8th Order Lowpass Filter
logo
List of Unclassifed Man...
8089 ETC-8089 Datasheet
856Kb / 4P
DIGITALLY PROGRAMMED AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com