Electronic Components Datasheet Search
  English  ▼

X  

LTC4150 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC4150
Description  Current Sense Amplifier, Reference and Comparators with POR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4150 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC4150 Datasheet HTML 5Page - Analog Devices LTC4150 Datasheet HTML 6Page - Analog Devices LTC4150 Datasheet HTML 7Page - Analog Devices LTC4150 Datasheet HTML 8Page - Analog Devices LTC4150 Datasheet HTML 9Page - Analog Devices LTC4150 Datasheet HTML 10Page - Analog Devices LTC4150 Datasheet HTML 11Page - Analog Devices LTC4150 Datasheet HTML 12Page - Analog Devices LTC4150 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LT6119-1/LT6119-2
9
611912f
For more information www.linear.com/LT6119-1
pin FuncTions
SENSELO (Pin 1): Sense Amplifier Input. This pin must
be tied to the load end of the sense resistor.
LE (Pin 2): Latch Control Pin. When high, the comparator
latch is enabled. With the comparator latch enabled, the
comparator output will latch at a low level once tripped.
When the LE input is low, the comparator latch is disabled
and the comparator functions transparently.
OUTC2 (Pin 3): Open-Drain Comparator 2 Output. Off-
state voltage may be as high as 60V above V–, regardless
of V+ used.
OUTC1 (Pin 4): Open-Drain Comparator 1 Output. Off-
state voltage may be as high as 60V above V–, regardless
of V+ used.
V– (Pin 5): Negative Supply Pin. This pin is normally con-
nected to ground.
INC1 (Pin 6): Inverting Input of Comparator 1. The second
input of this comparator is internally connected to the
400mV reference.
INC2 (Pin 7): Input of Comparator 2. For the LT6119-1
this is the noninverting input of comparator 2. For the
LT6119-2 this is the inverting input of comparator 2. The
second input of each of these comparators is internally
connected to the 400mV reference.
OUTA (Pin 8): Current Output of the Sense Amplifier. This
pin will source a current that is equal to the sense voltage
divided by the external gain setting resistor, RIN.
V+ (Pin 9): Positive Supply Pin. The V+ pin can be con-
nected directly to either side of the sense resistor, RSENSE.
When V+ is tied to the load end of the sense resistor, the
SENSEHI pin can go up to 0.2V above V+. Supply current
is drawn through this pin.
SENSEHI (Pin 10): Sense Amplifier Input. The internal
sense amplifier will drive SENSEHI to the same potential
as SENSELO. A resistor (typically RIN) tied from supply
to SENSEHI sets the output current, IOUT = VSENSE/RIN,
where VSENSE is the voltage developed across RSENSE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com