Electronic Components Datasheet Search
  English  ▼

X  

LTC4150 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC4150
Description  Current Sense Amplifier, Reference and Comparators with POR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4150 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC4150 Datasheet HTML 8Page - Analog Devices LTC4150 Datasheet HTML 9Page - Analog Devices LTC4150 Datasheet HTML 10Page - Analog Devices LTC4150 Datasheet HTML 11Page - Analog Devices LTC4150 Datasheet HTML 12Page - Analog Devices LTC4150 Datasheet HTML 13Page - Analog Devices LTC4150 Datasheet HTML 14Page - Analog Devices LTC4150 Datasheet HTML 15Page - Analog Devices LTC4150 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LT6119-1/LT6119-2
12
611912f
For more information www.linear.com/LT6119-1
applicaTions inForMaTion
The LT6119 high side current sense amplifier provides
accurate monitoring of currents through an external sense
resistor. The input sense voltage is level-shifted from
the sensed power supply to a ground referenced output
and is amplified by a user-selected gain to the output.
The output voltage is directly proportional to the current
flowing through the sense resistor.
The LT6119 comparators have a threshold set with a
built-in 400mV precision reference and have 10mV of
hysteresis. The open-drain outputs can be easily used to
level shift to digital supplies.
Amplifier Theory of Operation
An internal sense amplifier loop forces SENSEHI to have
the same potential as SENSELO, as shown in Figure 3.
Connecting an external resistor, RIN, between SENSEHI
and VSUPPLY forces a potential, VSENSE, across RIN. A
corresponding current, IOUTA, equal to VSENSE/RIN, will
flow through RIN. The high impedance inputs of the sense
amplifier do not load this current, so it will flow through
an internal MOSFET to the output pin, OUTA.
The output current can be transformed back into a voltage
by adding a resistor from OUTA to V–(typically ground).
The output voltage is then:
VOUT = V– + IOUTA • ROUT
where ROUT = R1 + R2 + R3, as shown in Figure 3.
Table 1. Example Gain Configurations
GAIN
RIN
ROUT VSENSE FOR VOUT = 5V IOUTA AT VOUT = 5V
20
499Ω
10k
250mV
500µA
50
200Ω
10k
100mV
500µA
100
100Ω
10k
50mV
500µA
Useful Equations
Input Voltage: VSENSE = ISENSE • RSENSE
Voltage Gain:
VOUT
VSENSE
=
ROUT
RIN
Current Gain:
IOUTA
ISENSE
=
RSENSE
RIN
Note that VSENSE(MAX) can be exceeded without damaging
the amplifier, however, output accuracy will degrade as
VSENSEexceedsVSENSE(MAX),resultinginincreasedoutput
current, IOUTA.
Selection of External Current Sense Resistor
Theexternalsenseresistor,RSENSE,hasasignificanteffect
on the function of a current sensing system and must be
chosen with care.
First, the power dissipation in the resistor should be
considered. The measured load current will cause power
dissipation as well as a voltage drop in RSENSE. As a
result, the sense resistor should be as small as possible
while still providing the input dynamic range required by
the measurement. Note that the input dynamic range is
the difference between the maximum input signal and the
minimum accurately reproduced signal, and is limited pri-
marily by input DC offset of the internal sense amplifier of
the LT6119. To ensure the specified performance, RSENSE
should be small enough that VSENSE does not exceed
VSENSE(MAX) under peak load conditions. As an example,
an application may require the maximum sense voltage
be 100mV. If this application is expected to draw 2A at
peak load, RSENSE should be set to 50mΩ.
Once the maximum RSENSE value is determined, the mini-
mum sense resistor value will be set by the resolution or
dynamic range required. The minimum signal that can be
accurately represented by this sense amplifier is limited by
theinputoffset.Asanexample,theLT6119hasamaximum
input offset of 200µV. If the minimum current is 20mA, a
sense resistor of 10mΩ will set VSENSE to 200µV. This is
the same value as the input offset. A larger sense resis-
tor will reduce the error due to offset by increasing the
sense voltage for a given load current. Choosing a 50mΩ
RSENSE will maximize the dynamic range and provide a
system that has 100mV across the sense resistor at peak
load (2A), while input offset causes an error equivalent to
only 4mA of load current.
In the previous example, the peak dissipation in RSENSE
is 200mW. If a 5mΩ sense resistor is employed, then
the effective current error is 40mA, while the peak sense
voltage is reduced to 10mV at 2A, dissipating only 20mW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com