Electronic Components Datasheet Search
  English  ▼

X  

LTC4150 Datasheet(PDF) 28 Page - Analog Devices

Part # LTC4150
Description  Current Sense Amplifier, Reference and Comparators with POR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4150 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTC4150 Datasheet HTML 20Page - Analog Devices LTC4150 Datasheet HTML 21Page - Analog Devices LTC4150 Datasheet HTML 22Page - Analog Devices LTC4150 Datasheet HTML 23Page - Analog Devices LTC4150 Datasheet HTML 24Page - Analog Devices LTC4150 Datasheet HTML 25Page - Analog Devices LTC4150 Datasheet HTML 26Page - Analog Devices LTC4150 Datasheet HTML 27Page - Analog Devices LTC4150 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LT6119-1/LT6119-2
28
611912f
For more information www.linear.com/LT6119-1
LINEAR TECHNOLOGY CORPORATION 2014
LT 0314 • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LT6119-1
relaTeD parTs
Typical applicaTion
ADC Driving Application
PART NUMBER DESCRIPTION
COMMENTS
LT1787
Bidirectional High Side Current Sense Amplifier
2.7V to 60V, 75µV Offset, 60µA Quiescent, 8V/V Gain
LTC4150
Coulomb Counter/Battery Gas Gauge
Indicates Charge Quantity and Polarity
LT6100
Gain-Selectable High Side Current Sense Amplifier
4.1V to 48V, Gain Settings: 10, 12.5, 20, 25, 40, 50V/V
LTC6101
High Voltage High Side Current Sense Amplifier
Up to 100V, Resistor Set Gain, 300µV Offset, SOT-23
LTC6102
Zero-Drift High Side Current Sense Amplifier
Up to 100V, Resistor Set Gain, 10µV Offset, MSOP8/DFN
LTC6103
Dual High Side Current Sense Amplifier
4V to 60V, Resistor Set Gain, 2 Independent Amps, MSOP8
LTC6104
Bidirectional High Side Current Sense Amplifier
4V to 60V, Separate Gain Control for Each Direction, MSOP8
LT6105
Precision Rail-to-Rail Input Current Sense Amplifier
–0.3V to 44V Input Range, 300µV Offset, 1% Gain Error
LT6106
Low Cost High Side Current Sense Amplifier
2.7V to 36V, 250µV Offset, Resistor Set Gain, SOT-23
LT6107
High Temperature High Side Current Sense Amplifier
2.7V to 36V, –55°C to 150°C, Fully Tested: –55°C, 25°C, 150°C
LT6108
High Side Current Sense Amplifier with Reference and
Comparator with Shutdown
2.7V to 60V, 125µV Offset, Resistor Set Gain, ±1.25% Threshold Error
LT6700
Dual Comparator with 400mV Reference
1.4V to 18V, 6.5µA Supply Current
LT6109
High Side Current Sense Amplifier with Reference
and Comparators with Shutdown
2.7V to 60V, 125µV Offset, Resistor Set Gain, ±1.25% Threshold Error
LT6118
LT6108 without Shutdown and POR Capability
2.7V to 60V, 200µV, Resistor Set Gain, ±1.25% Threshold Error
SENSEHI SENSELO
OUTA
0.1
SENSE
LOW
SENSE
HIGH
LT6119-1
V–
OUT
2k
0.1µF
0.1µF
6.65k
INC2
1.33k
OVERCURRENT
UNDERCURRENT
INC1
V+
LE
OUTC1
8
1
7
6
5
OUTC2
10
9
2
4
VCC
VCC
VREF
10k
3
LE
611912 TA05
IN
VCC
10k
IN+
LTC2470
COMP
TO
MCU
100
The low sampling current of the LTC2470 16-bit delta
sigma ADC is ideal for the LT6119.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com