Electronic Components Datasheet Search
  English  ▼

X  

LTC4150 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC4150
Description  Current Sense Amplifier, Reference and Comparators with POR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4150 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC4150 Datasheet HTML 16Page - Analog Devices LTC4150 Datasheet HTML 17Page - Analog Devices LTC4150 Datasheet HTML 18Page - Analog Devices LTC4150 Datasheet HTML 19Page - Analog Devices LTC4150 Datasheet HTML 20Page - Analog Devices LTC4150 Datasheet HTML 21Page - Analog Devices LTC4150 Datasheet HTML 22Page - Analog Devices LTC4150 Datasheet HTML 23Page - Analog Devices LTC4150 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LT6119-1/LT6119-2
20
611912f
For more information www.linear.com/LT6119-1
Depending on the desired maximum amplifier output volt-
age (VMAX) the three output resistors, R1, R2 and R3, can
be configured in two ways. If:
VMAX >
400mV
IOVER
+
400mV – IUNDER R1
( )
IUNDER
IMAX
then use the configuration shown in Figure 3. The desired
trip points and full-scale analog output voltage for the
circuit in Figure 3 can then be achieved using the follow-
ing equations:
applicaTions inForMaTion
R1
=
400mV
IOVER
R2
=
400mV – IUNDER R1
( )
IUNDER
R3
=
VMAX –IMAX R1+R2
(
)
IMAX
If:
VMAX <
400mV
IOVER
+
400mV – IUNDER R1
( )
IUNDER
 IMAX
then use the configuration shown in Figure 13.
Figure 13. Typical Configuration with Alternative ROUT Configuration
OUTA
IOUTA
–
+
V+
C1
SENSEHI
INC2
INC1
R1
611912 F13
V–
V+
V+
V–
LT6119-1
SENSELO
LE
OUTC2
VLE
RC
VPULLUP
LOAD
VSUPPLY
VSENSE
RSENSE
UNDERCURRENT
FLAG
OVERCURRENT
FLAG
RIN
+
–
OUTC1
4
3
2
1
5
V–
V–
V+
ISENSE =
VSENSE
RSENSE
RC
R2
6
7
8
9
10
R3
CL
VOUT
400mV
REFERENCE
CLC
CLC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com