Electronic Components Datasheet Search
  English  ▼

X  

LTC4150 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC4150
Description  Current Sense Amplifier, Reference and Comparators with POR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4150 Datasheet(HTML) 2 Page - Analog Devices

  LTC4150 Datasheet HTML 1Page - Analog Devices LTC4150 Datasheet HTML 2Page - Analog Devices LTC4150 Datasheet HTML 3Page - Analog Devices LTC4150 Datasheet HTML 4Page - Analog Devices LTC4150 Datasheet HTML 5Page - Analog Devices LTC4150 Datasheet HTML 6Page - Analog Devices LTC4150 Datasheet HTML 7Page - Analog Devices LTC4150 Datasheet HTML 8Page - Analog Devices LTC4150 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LT6119-1/LT6119-2
2
611912f
For more information www.linear.com/LT6119-1
pin conFiguraTion
absoluTe MaxiMuM raTings
Total Supply Voltage (V+ to V–).................................60V
Maximum Voltage
(SENSELO, SENSEHI, OUTA)............................... V+ + 1V
Maximum V+ – (SENSELO or SENSEHI)....................33V
Maximum LE Voltage................................................60V
Maximum Comparator Input Voltage ........................60V
Maximum Comparator Output Voltage......................60V
Input Current (Note 2)..........................................–10mA
SENSEHI, SENSELO Input Current ....................... ±10mA
DifferentialSENSEHIorSENSELOInputCurrent...±2.5mA
AmplifierOutputShort-CircuitDuration(toV–).. Indefinite
Operating Temperature Range (Note 3)
LT6119I................................................–40°C to 85°C
LT6119H............................................. –40°C to 125°C
Specified Temperature Range (Note 3)
LT6119I................................................–40°C to 85°C
LT6119H............................................. –40°C to 125°C
Maximum Junction Temperature .......................... 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
(Note 1)
1
2
3
4
5
SENSELO
LE
OUTC2
OUTC1
V–
10
9
8
7
6
SENSEHI
V+
OUTA
INC2
INC1
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
θJA = 160°C/W, θJC = 45°C/W
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT6119IMS-1#PBF
LT6119IMS-1#TRPBF
LTGNV
10-Lead Plastic MSOP
–40°C to 85°C
LT6119HMS-1#PBF
LT6119HMS-1#TRPBF
LTGNV
10-Lead Plastic MSOP
–40°C to 125°C
LT6119IMS-2#PBF
LT6119IMS-2#TRPBF
LTGNW
10-Lead Plastic MSOP
–40°C to 85°C
LT6119HMS-2#PBF
LT6119HMS-2#TRPBF
LTGNW
10-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com