Electronic Components Datasheet Search
  English  ▼

X  

LTC4150 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC4150
Description  Current Sense Amplifier, Reference and Comparators with POR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4150 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC4150 Datasheet HTML 13Page - Analog Devices LTC4150 Datasheet HTML 14Page - Analog Devices LTC4150 Datasheet HTML 15Page - Analog Devices LTC4150 Datasheet HTML 16Page - Analog Devices LTC4150 Datasheet HTML 17Page - Analog Devices LTC4150 Datasheet HTML 18Page - Analog Devices LTC4150 Datasheet HTML 19Page - Analog Devices LTC4150 Datasheet HTML 20Page - Analog Devices LTC4150 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LT6119-1/LT6119-2
17
611912f
For more information www.linear.com/LT6119-1
guarantee a valid comparator outputs. The RC value can
be determined with the following equation:
RC
=
t
ln
V+
V+
− 0.5V


; t
≥100µS
The RC will need to be chosen based on the supply voltage
of the circuit. Figure 8 can be used to easily determine an
appropriate RC combination for an applications supply
voltage range.
applicaTions inForMaTion
Figure 9. V+ Powered Separately from Load Supply (VBATT)
Figure 8. Minimum Resistance for Three
Typical Capacitor Values
Figure 10. Allowable SENSELO, SENSEHI Voltage Range
SENSEHI
LT6119
ISENSE
RSENSE
V+
9
V–
5
V+
RIN
VBATT
SENSELO
10
1
OUTA 8
611912 F09
ROUT
VOUT
60
50
40
30
20
20.2V
40.2V
10
27
2.8V
2.5V
2.7
10
20
30 35.5 40
50
V+ (V)
60
611912 F10
VALID SENSELO/
SENSEHI RANGE
SENSELO, SENSEHI Range
The difference between VBATT (see Figure 9) and V+, as
well as the maximum value of VSENSE, must be consid-
ered to ensure that the SENSELO pin does not exceed
the range listed in the Electrical Characteristics table. The
SENSELO and SENSEHI pins of the LT6119 can function
from 0.2V above the positive supply to 33V below it. These
operating voltages are limited by internal diode clamps
shown in Figures 1 and 2. On supplies less than 35.5V,
the lower range is limited by V– + 2.5V. This allows the
monitored supply, VBATT, to be separate from the LT6119
positive supply, as shown in Figure 9. Figure 10 shows
the range of operating voltages for the SENSELO and
SENSEHI inputs, for different supply voltage inputs (V+).
SUPPLY VOLTAGE (V)
1
10
100
611912 F08
C = 100nF
C = 10nF
C = 1nF
100,000,000
10,000,000
1,000,000
100,000
10,000
1000
Output Filtering
The AC output voltage, VOUT, is simply IOUTA • ZOUT. This
makes filtering straightforward. Any circuit may be used
which generates the required ZOUT to get the desired filter
response. For example, a capacitor in parallel with ROUT
will give a lowpass response. This will reduce noise at the
output, and may also be useful as a charge reservoir to
keep the output steady while driving a switching circuit
such as a MUX or ADC. This output capacitor in parallel
with ROUT will create an output pole at:
f–3dB =
1
2•
π •ROUT •CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com