Electronic Components Datasheet Search
  English  ▼

X  

LTC4150 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC4150
Description  Current Sense Amplifier, Reference and Comparators with POR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4150 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC4150 Datasheet HTML 9Page - Analog Devices LTC4150 Datasheet HTML 10Page - Analog Devices LTC4150 Datasheet HTML 11Page - Analog Devices LTC4150 Datasheet HTML 12Page - Analog Devices LTC4150 Datasheet HTML 13Page - Analog Devices LTC4150 Datasheet HTML 14Page - Analog Devices LTC4150 Datasheet HTML 15Page - Analog Devices LTC4150 Datasheet HTML 16Page - Analog Devices LTC4150 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LT6119-1/LT6119-2
13
611912f
For more information www.linear.com/LT6119-1
applicaTions inForMaTion
The low offset and corresponding large dynamic range of
theLT6119makeitmoreflexiblethanothersolutionsinthis
respect.The200µVmaximumoffsetgives68dBofdynamic
range for a sense voltage that is limited to 500mV max.
Sense Resistor Connection
Kelvin connection of the SENSEHI and SENSELO inputs
to the sense resistor should be used in all but the lowest
power applications. Solder connections and PC board
interconnections that carry high currents can cause sig-
nificant error in measurement due to their relatively large
Figure 3. LT6119-1 Typical Connection
OUTA
IOUTA
–
+
V+
C1
SENSEHI
INC2
INC1
5
4
3
2
1
R1*
611912 F03
V–
V+
V+
V–
LT6119-1
SENSELO
LE
OUTC2
VLE
RC
VPULLUP
LOAD
VSUPPLY
VSENSE
RSENSE
UNDERCURRENT
FLAG
OVERCURRENT
FLAG
RIN
+
–
OUTC1
*ROUT = R1 + R2 + R3
V–
V–
V+
ISENSE =
VSENSE
RSENSE
RC
R2*
6
7
8
9
10
R3*
CL
VOUT
400mV
REFERENCE
CLC
CLC
resistances.One10mm×10mmsquaretraceof1ozcopper
is approximately 0.5mΩ. A 1mV error can be caused by as
little as 2A flowing through this small interconnect. This
will cause a 1% error for a full-scale VSENSE of 100mV. A
10A load current in the same interconnect will cause a 5%
error for the same 100mV signal. By isolating the sense
tracesfromthehighcurrentpaths,thiserrorcanbereduced
by orders of magnitude. A sense resistor with integrated
Kelvin sense terminals will give the best results. Figure 3
illustrates the recommended method for connecting the
SENSEHI and SENSELO pins to the sense resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com