Electronic Components Datasheet Search
  English  ▼

X  

LTC4150 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC4150
Description  Current Sense Amplifier, Reference and Comparators with POR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4150 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC4150 Datasheet HTML 17Page - Analog Devices LTC4150 Datasheet HTML 18Page - Analog Devices LTC4150 Datasheet HTML 19Page - Analog Devices LTC4150 Datasheet HTML 20Page - Analog Devices LTC4150 Datasheet HTML 21Page - Analog Devices LTC4150 Datasheet HTML 22Page - Analog Devices LTC4150 Datasheet HTML 23Page - Analog Devices LTC4150 Datasheet HTML 24Page - Analog Devices LTC4150 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LT6119-1/LT6119-2
21
611912f
For more information www.linear.com/LT6119-1
applicaTions inForMaTion
Thedesiredtrippointsandfull-scaleanalogoutputvoltage
for the circuit in Figure 15 can be achieved as follows:
R1
=
400mV
IOVER
R2
=
VMAX – IMAX R1
( )
IMAX
R3
=
400mV – IUNDER R1+R2
(
)
IUNDER
Trip points for the LT6119-2 can be set by replacing IUNDER
with a second overcurrent, IOVER2.
Hysteresis
Each comparator has a typical built-in hysteresis of 10mV
to simplify design, ensure stable operation in the pres-
ence of noise at the inputs, and to reject supply noise that
might be induced by state change load transients. The
hysteresis is designed such that the threshold voltage is
altered when the output is transitioning from low to high
as is shown in Figure 14.
External positive feedback circuitry can be employed
to increase the effective hysteresis if desired, but such
circuitry will have an effect on both the rising and fall-
ing input thresholds, VTH (the actual internal threshold
remains unaffected).
Figure 15 shows how to add additional hysteresis to a
noninverting comparator.
R6canbecalculatedfromtheextrahysteresisbeingadded,
VHYS(EXTRA) and the amplifier output current which you
want to cause the comparator output to trip, IUNDER. Note
that the hysteresis being added, VHYS(EXTRA),isinaddition
to the typical 10mV of built-in hysteresis.
R6
=
400mV – VHYS(EXTRA)
IUNDER
Figure 14. Comparator Output Transfer Characteristics
Figure 15. Noninverting Comparator with Added Hysteresis
VHYS
OUTC1
(LT6119-1/LT6119-2)
OUTC2
(LT6119-2)
OUTC2
(LT6119-1)
VHYS
VTH
INCREASING
VINC1,2
611912 F14
V+
V+
V–
INC2
V–
5
611912 F15
OUTA
7
8
V+
V+
SENSEHI
9
10
1
3
LT6119-1
RIN
RSENSE
ILOAD
R3
V+
SENSELO
OUTC2
400mV
REFERENCE
R5
R6
R1 VTH
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com