Electronic Components Datasheet Search
  English  ▼

X  

MAX13331 Datasheet(PDF) 7 Page - Analog Devices

Part # MAX13331
Description  Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX13331 Datasheet(HTML) 7 Page - Analog Devices

Back Button MAX13331 Datasheet HTML 3Page - Analog Devices MAX13331 Datasheet HTML 4Page - Analog Devices MAX13331 Datasheet HTML 5Page - Analog Devices MAX13331 Datasheet HTML 6Page - Analog Devices MAX13331 Datasheet HTML 7Page - Analog Devices MAX13331 Datasheet HTML 8Page - Analog Devices MAX13331 Datasheet HTML 9Page - Analog Devices MAX13331 Datasheet HTML 10Page - Analog Devices MAX13331 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
(VDD = VCPVDD = 5V, VSGND = VPGND = 0V, C1 = C2 = 1μF, RL = ∞, gain = -1.5V/V, THD+N measurement bandwidth = 22Hz to 22kHz,
TA = +25°C, unless otherwise noted.)
PIN
NAME
FUNCTION
1
INL
Inverting Left-Channel Audio Input
2, 4
SGND
Amplifier Signal Ground. The noninverting inputs of the amplifiers are connected to the amplifier
signal ground. Connect both to the signal ground plane.
3
INR
Inverting Right-Channel Audio Input
5
VDD
Amplifier Positive-Power Supply. Connect to positive supply. Bypass with a 1µF capacitor to SGND
as close to the pin as possible.
6
SHDN
Active-Low Shutdown Input
7
CPVDD
Charge-Pump Power Supply. Powers charge-pump inverter, charge-pump logic, and oscillator.
Connect to positive supply. Bypass with a 1µF capacitor to PGND as close to the pin as possible.
8
C1P
Flying-Capacitor Positive Terminal. Connect a 1µF capacitor between C1P and C1N.
9, 15
PGND
Power Ground. Connect both to the power ground plane.
10
C1N
Flying-Capacitor Negative Terminal. Connect a 1µF capacitor between C1P and C1N.
11
CPVSS
Charge-Pump Output. Connect to VSS and bypass with a 1µF capacitor to PGND.
12
DIAG
Diagnostic Voltage Output
13
OUTR
Right-Channel Output
14
VSS
Amplifier Negative Power Supply. Connect to CPVSS.
16
OUTL
Left-Channel Output
ENTERING SHUTDOWN TRANSIENT
MAX13330/31 toc27
200µs/div
VOUTL
1V/div
VOUTR
1V/div
VSHDN
5V/div
POWER-UP/-DOWN TRANSIENT
MAX13330/31 toc28
10ms/div
VOUTL
1V/div
VOUTR
1V/div
VSHDN
5V/div
MAX13330/MAX13331
Automotive DirectDrive Headphone Amplifiers
with Output Protection and Diagnostics
www.maximintegrated.com
Maxim Integrated │ 7
Typical Operating Characteristics (continued)
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com