Electronic Components Datasheet Search
  English  ▼

X  

MAX13331 Datasheet(PDF) 9 Page - Analog Devices

Part # MAX13331
Description  Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX13331 Datasheet(HTML) 9 Page - Analog Devices

Back Button MAX13331 Datasheet HTML 5Page - Analog Devices MAX13331 Datasheet HTML 6Page - Analog Devices MAX13331 Datasheet HTML 7Page - Analog Devices MAX13331 Datasheet HTML 8Page - Analog Devices MAX13331 Datasheet HTML 9Page - Analog Devices MAX13331 Datasheet HTML 10Page - Analog Devices MAX13331 Datasheet HTML 11Page - Analog Devices MAX13331 Datasheet HTML 12Page - Analog Devices MAX13331 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Low-Frequency Response
In addition to the cost and size disadvantages of the
DCblocking capacitors required by conventional head-
phone amplifiers, these capacitors limit the amplifier’s
low-frequency response and can distort the audio signal:
1) The impedance of the headphone load and the DC-
blocking capacitor form a highpass filter with the -3dB
point
set
by:
( )
3dB
L
OUT
1
f
Hz
2R
C
−
=
π×
×
where RL is the impedance of the headphone and
COUT is the value of the DC-blocking capacitor. The
highpass filter is required by conventional singleend-
ed, single power-supply headphone amplifiers to
block the midrail DC-bias component of the audio sig-
nal from the headphones. The drawback to the filter is
that it can attenuate low-frequency signals. Larger
values of COUT reduce this effect but result in physi-
cally larger, more expensive capacitors. Figure 2
shows the relationship between the size of COUT and
the resulting low-frequency attenuation. Note that the
-3dB point for a 16Ω headphone with a 100μF block-
ing capacitor is 100Hz, well within the normal audio
band, resulting in low-frequency attenuation of the re-
produced signal.
2) The voltage coefficient of the DC-blocking capacitor
contributes distortion to the reproduced audio signal
as the capacitance value varies and the function of
the voltage across the capacitor changes. The reac-
tance of the capacitor dominates at frequencies below
the -3dB point and the voltage coefficient appears as
frequency-dependent distortion. Figure 3 shows the
THD+N introduced by two different capacitor dielec-
tric types. Note that below 100Hz, THD+N increases
rapidly. The combination of low-frequency attenuation
and frequency-dependent distortion compromises au-
dio reproduction in portable audio equipment that em-
phasizes low-frequency effects such as in multimedia
laptops, MP3, CD, and DVD players. By eliminating the
DC-blocking capacitors through DirectDrive technolo-
gy, these capacitor-related deficiencies are eliminated.
Charge Pump
The MAX13330/MAX13331 feature a low-noise charge
pump. The 2.2MHz (typ) switching frequency is well
beyond the audio range. It does not interfere with the
audio signals and avoids AM band interference. The
switch drivers feature a controlled switching speed that
minimizes noise generated by turn-on and turn-off tran-
sients. By limiting the switching speed of the charge
pump, the di/dt noise caused by the parasitic bond wire
and trace inductance is minimized. Although not typi-
cally required, additional high-frequency noise attenuation
can be achieved by increasing the value of C2 (see the
Typical Application Circuits).
Figure 2. Low-Frequency Attenuation for Common DC-Blocking
Capacitor Values
Figure 3. Distortion Contributed by DC-Blocking Capacitors
0
-30
10
100
1k
10k
100k
LOW-FREQUENCY ROLLOFF
(RL = 16Ω)
-24
-27
-12
-15
-18
-21
-6
-9
-3
FREQUENCY (Hz)
DirectDrive
330µF
220µF
100µF
33µF
ADDITIONAL THD+N DUE
TO DC-BLOCKING CAPACITORS
FREQUENCY (Hz)
10k
1k
100
0.001
0.01
0.1
1
10
0.0001
10
100k
TANTALUM
ALUM/ELEC
MAX13330/MAX13331
Automotive DirectDrive Headphone Amplifiers
with Output Protection and Diagnostics
www.maximintegrated.com
Maxim Integrated │ 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com