Electronic Components Datasheet Search
  English  ▼

X  

MAX13331 Datasheet(PDF) 1 Page - Analog Devices

Part # MAX13331
Description  Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX13331 Datasheet(HTML) 1 Page - Analog Devices

  MAX13331 Datasheet HTML 1Page - Analog Devices MAX13331 Datasheet HTML 2Page - Analog Devices MAX13331 Datasheet HTML 3Page - Analog Devices MAX13331 Datasheet HTML 4Page - Analog Devices MAX13331 Datasheet HTML 5Page - Analog Devices MAX13331 Datasheet HTML 6Page - Analog Devices MAX13331 Datasheet HTML 7Page - Analog Devices MAX13331 Datasheet HTML 8Page - Analog Devices MAX13331 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX13330/MAX13331 stereo headphone ampli-
fiers are designed for automotive applications requiring
output short-circuit and ESD protection to battery/ground
with diagnostics. These devices use Maxim’s unique
DirectDrive® architecture to produce a ground-referenced
output from a single supply, eliminating the need for large
DC-blocking capacitors, saving board space and com-
ponent height. The gain of the amplifier is set internally
(-1.5V/V) on the MAX13330 or adjusted externally with
resistors on the MAX13331.
The MAX13330/MAX13331 deliver 120mW per channel
into a 16Ω load or 135mW into a 32Ω load and have a low
0.01% THD+N. Low output impedance and the efficient
integrated charge pump allows the device to drive loads
as low as 8Ω, enabling the use of small loudspeakers. An
80dB at 217Hz PSRR allows these devices to operate
from noisy digital supplies without an additional linear reg-
ulator. These devices include ±15kV Human Body Model
ESD protection and short-circuit protection up to +45V at
the headphone outputs. Comprehensive click-and-pop
circuitry suppresses audible clicks and pops on startup
and shutdown. A low-power shutdown mode reduces the
supply current to 3μA (typ).
The MAX13330/MAX13331 are specified from -40°C to
+105°C AEC-Q100 Level 2 automotive temperature range
and are available in a 16-pin QSOP package.
Applications
● Automotive Entertainment Systems
● Automotive Rear Seat Entertainment Systems
Features
● 4V to 5.5V Single-Supply Operation
● 2MHz Charge Pump Prevents AM Radio Interference
● Ground-Referenced Outputs Eliminate Bulky DC-
Blocking Capacitors
● Short-to-Ground and Battery (VBAT up to +45V)
Output Protection, Load Dump Protection
● Short-Circuit Diagnostic Output
● Adjustable Gain (MAX13331) or Fixed -1.5V/V Gain
(MAX13330)
● 125mW per Channel into 32Ω at 0.01% THD+N
● Integrated Click-and-Pop Suppression
● High PSRR Eliminates LDO
● No Degradation of Low-Frequency Response Due
to Output Capacitors
● ±15kV Human Body Model ESD Protection for
Output Pins
19-4341; Rev 5; 3/21
DirectDrive is a registered trademark of Maxim Integrated
Products, Inc.
Typical Application Circuits appear at end of data sheet.
/V denotes an automotive qualified part.
+Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.
PART
GAIN
TEMP
RANGE
PIN-
PACKAGE
MAX13330GEE/V+T -1.5V/V -40°C to +105°C 16 QSOP
MAX13331GEE/V+T
Externally
Set
-40°C to +105°C 16 QSOP
CLICK-AND-POP
SUPPRESSION
RIGHT-CHANNEL
AUDIO IN
LEFT-CHANNEL
AUDIO IN
MAX13330
DIAGNOSTICS
OUTPUT
SHDN
MAX13330
MAX13331
OUTR
VSS
PGND
OUTL
13
14
15
16
4
3
2
1
SGND
DIAG
12
5
VDD
INR
SGND
INL
QSOP
+
PGND
C1N
CPVSS
9
10
11
8
7
6
C1P
CPVDD
SHDN
MAX13330/MAX13331
Automotive DirectDrive Headphone Amplifiers
with Output Protection and Diagnostics
Simplified Block Diagram
Pin Configuration
Ordering Information
EVALUATION KIT AVAILABLE
Click
here to ask about the production status of specific part numbers.


Similar Part No. - MAX13331

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13331 MAXIM-MAX13331 Datasheet
248Kb / 15P
Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 0; 10/08
MAX13331 MAXIM-MAX13331 Datasheet
382Kb / 15P
Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 1; 4/09
MAX13331 MAXIM-MAX13331 Datasheet
134Kb / 7P
Low-Profile (1.2mm, max) Design
Rev 1; 4/09
MAX13331EVKIT MAXIM-MAX13331EVKIT Datasheet
134Kb / 7P
Low-Profile (1.2mm, max) Design
Rev 1; 4/09
MAX13331EVKIT+ MAXIM-MAX13331EVKIT+ Datasheet
134Kb / 7P
Low-Profile (1.2mm, max) Design
Rev 1; 4/09
More results

Similar Description - MAX13331

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9750 MAXIM-MAX9750 Datasheet
669Kb / 30P
2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 1/04
MAX13330 MAXIM-MAX13330 Datasheet
248Kb / 15P
Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 0; 10/08
MAX13330 MAXIM-MAX13330_09 Datasheet
382Kb / 15P
Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 1; 4/09
MAX9728A MAXIM-MAX9728A Datasheet
287Kb / 19P
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX13330 MAXIM-MAX13330_11 Datasheet
393Kb / 15P
Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 3; 7/11
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9756 MAXIM-MAX9756 Datasheet
790Kb / 31P
2.3W Stereo Speaker Amplifiers and DirectDrive Headphone Amplifiers with Automatic Level Control
19-3782; Rev 1; 1/06
MAX9750 MAXIM-MAX9750_V01 Datasheet
481Kb / 30P
2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
MAX9728 MAXIM-MAX9728 Datasheet
309Kb / 19P
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
MAX13330 MAXIM-MAX13330_V01 Datasheet
1Mb / 15P
Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
19-4341; Rev 5; 3/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com