Electronic Components Datasheet Search
  English  ▼

X  

MAX13331 Datasheet(PDF) 8 Page - Analog Devices

Part # MAX13331
Description  Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX13331 Datasheet(HTML) 8 Page - Analog Devices

Back Button MAX13331 Datasheet HTML 4Page - Analog Devices MAX13331 Datasheet HTML 5Page - Analog Devices MAX13331 Datasheet HTML 6Page - Analog Devices MAX13331 Datasheet HTML 7Page - Analog Devices MAX13331 Datasheet HTML 8Page - Analog Devices MAX13331 Datasheet HTML 9Page - Analog Devices MAX13331 Datasheet HTML 10Page - Analog Devices MAX13331 Datasheet HTML 11Page - Analog Devices MAX13331 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Detailed Description
The MAX13330/MAX13331 headphone amplifiers feature
Maxim’s DirectDrive architecture, eliminating the large
output-coupling capacitors required by conventional sin-
gle-supply headphone amplifiers. The devices consists of
two Class AB headphone amplifiers, under-voltage lock-
out (UVLO), low-power shutdown control, comprehensive
click-and-pop suppression, output short-circuit/ESD pro-
tection and output short-circuit diagnostics.
These devices can drive loads as low as 8Ω, and deliver
up to 120mW per channel into 16Ω and 135mW into 32Ω.
The MAX13330 features a fixed gain of -1.5V/V, and the
MAX13331 features a programmable gain configured with
external resistors. The headphone outputs feature ±15kV
Human Body Model ESD protection, and enhanced short-
circuit protection to ground or battery (VBAT up to +45V).
An integrated short-circuit diagnostic output provides the
status of the MAX13330/MAX13331 during operation as
a fraction of the analog supply voltage.
DirectDrive
Conventional single-supply headphone amplifiers have
their outputs biased about a nominal DC voltage (typi-
cally half the supply) for maximum dynamic range. Large
coupling capacitors are needed to block this DC bias from
the headphone. Without these capacitors, a significant
amount of DC current flows to the headphone, resulting
in unnecessary power dissipation and possible damage to
both the headphone and the headphone amplifier.
Maxim’s DirectDrive architecture uses a charge pump
to create an internal negative-supply voltage, allowing
the MAX13330/MAX13331 outputs to be biased about
SGND (Figure 1). With no DC component, there is no
need for the large DC-blocking capacitors. Instead of two
large (220μF, typ) tantalum capacitors, the MAX13330/
MAX13331 charge pump requires two small ceramic
capacitors, conserving board space, reducing cost, and
improving the frequency response of the headphone
amplifier. See the Output Power vs. Load Resistance
graph in the Typical Operating Characteristics for details
of the possible capacitor sizes. There is a low DC volt-
age on the amplifier outputs due to amplifier offset.
However, the output offset of the MAX13330 is typically
±2.5mV which, when combined with a 32Ω load, results
in less than ±78μA of DC current flow to the headphones.
Previous attempts to eliminate the output-coupling capac-
itors involved biasing the headphone return (sleeve) to
the DC-bias voltage of the headphone amplifiers.
This method raises some issues:
● The sleeve is typically grounded to the chassis.
Using this biasing approach, the sleeve must be
isolated from system ground, complicating product
design.
● During an ESD strike, the amplifier’s ESD structures
are the only path to system ground. Thus, the ampli-
fier must be able to withstand the full ESD strike.
● When using the headphone jack as a line out to
other equipment, the bias voltage on the sleeve may
conflict with the ground potential from other equip-
ment, resulting in possible damage to the amplifiers.
Figure 1. Conventional Driver Output Waveform vs. MAX13330/
MAX13331 Output Waveform
VDD
VSS
GND
VOUT
CONVENTIONAL DRIVER-BIASING SCHEME
DirectDrive BIASING SCHEME
VDD/2
VDD
GND
VOUT
MAX13330/MAX13331
Automotive DirectDrive Headphone Amplifiers
with Output Protection and Diagnostics
www.maximintegrated.com
Maxim Integrated │ 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com