Electronic Components Datasheet Search
  English  ▼

X  

MAX13331 Datasheet(PDF) 11 Page - Analog Devices

Part # MAX13331
Description  Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX13331 Datasheet(HTML) 11 Page - Analog Devices

Back Button MAX13331 Datasheet HTML 7Page - Analog Devices MAX13331 Datasheet HTML 8Page - Analog Devices MAX13331 Datasheet HTML 9Page - Analog Devices MAX13331 Datasheet HTML 10Page - Analog Devices MAX13331 Datasheet HTML 11Page - Analog Devices MAX13331 Datasheet HTML 12Page - Analog Devices MAX13331 Datasheet HTML 13Page - Analog Devices MAX13331 Datasheet HTML 14Page - Analog Devices MAX13331 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Thermal-overload protection limits total power dissipation
in the MAX13330/MAX13331. When the junction tem-
perature exceeds +145°C (typ), the thermal-protection cir-
cuitry disables the amplifier output stage. The amplifiers
are enabled once the junction temperature cools by 5°C.
This results in a pulsing output under continuous thermal-
overload conditions.
Output Power
The device has been specified for the worst-case sce-
nario, when both inputs are in-phase. Under this condi-
tion, the amplifiers simultaneously draw current from
the charge pump, leading to a proportional reduction in
VSS headroom. In typical stereo audio applications, the
left and right signals have differences in both magnitude
and phase, subsequently leading to an increase in the
maximum attainable output power. Figure 4 shows the
two extreme cases for in- and out-of-phase. In reality, the
available power lies between these extremes.
UVLO
The MAX13330/MAX13331 feature a UVLO function that
prevents the device from operating if the supply volt-
age is less than 3.6V (typ). This feature ensures proper
operation during brownout conditions and prevents deep
battery discharge. Once the supply voltage reaches the
UVLO threshold, the charge-pump is turned on and the
amplifiers are powered.
Component Selection
Gain-Setting Resistors (MAX13331 Only)
The gain of the MAX13330 is internally set at -1.5V/V.
All gain-setting resistors are integrated into the device,
reducing external component count. The internally set
gain, in combination with DirectDrive, results in a head-
phone amplifier that requires only five tiny 1μF capacitors
to complete the amplifier circuit: two for the charge-pump,
two for audio input coupling, and one for power-supply
bypassing (see the Typical Application Circuits). The gain
of the MAX13331 amplifier is set externally as shown in
the Typical Application Circuits, the gain is:
F
V
IN
R
A
(V / V)
R
= −
Choose feedback resistor values of 10kΩ. Values other
than 10kΩ increase output offset voltage due to the input
bias current, which in turn, increases the amount of DC
current flow to the load.
Input Filtering
The input capacitor (CIN), in conjunction with the input
resistor (RIN), forms a highpass filter that removes the DC
bias from an incoming signal (see the Typical Application
Circuits). The AC-coupling capacitor allows the device to
bias the signal to an optimum DC level.
Assuming zero source impedance, the -3dB point of the
highpass filter is given by:
3dB
IN
IN
1
f
(Hz)
2R
C
−
=
π×
×
Choose CIN so f-3dB is well below the lowest frequency
of interest. For the MAX13330, use the value of RIN as
given in the Electrical Characteristics table. Setting f-3dB
too high affects the device’s low-frequency response. Use
capacitors whose dielectrics have lowvoltage coefficients,
such as tantalum or aluminum electrolytic. Capacitors
with high-voltage coefficients, such as ceramics, can
result in increased distortion at low frequencies.
Charge-Pump Capacitor Selection
Use capacitors with an ESR less than 100mΩ for optimum
performance. Low-ESR ceramic capacitors minimize
the output resistance of the charge pump. For best per-
formance over the extended temperature range, select
capacitors with an X7R dielectric.
Figure 4. Output Power vs. Supply Voltage
OUTPUT POWER vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.25
5.00 5.25
4.75
4.50
50
100
150
200
250
0
4.00
5.50
fIN = 1kHz
RL = 32Ω
THD+N = 10%
INPUTS
IN PHASE
INPUTS 180°
OUT OF PHASE
MAX13330/MAX13331
Automotive DirectDrive Headphone Amplifiers
with Output Protection and Diagnostics
www.maximintegrated.com
Maxim Integrated │ 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com