Electronic Components Datasheet Search
  English  ▼

X  

MAX13331 Datasheet(PDF) 12 Page - Analog Devices

Part # MAX13331
Description  Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX13331 Datasheet(HTML) 12 Page - Analog Devices

Back Button MAX13331 Datasheet HTML 7Page - Analog Devices MAX13331 Datasheet HTML 8Page - Analog Devices MAX13331 Datasheet HTML 9Page - Analog Devices MAX13331 Datasheet HTML 10Page - Analog Devices MAX13331 Datasheet HTML 11Page - Analog Devices MAX13331 Datasheet HTML 12Page - Analog Devices MAX13331 Datasheet HTML 13Page - Analog Devices MAX13331 Datasheet HTML 14Page - Analog Devices MAX13331 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Flying Capacitor (C1)
The value of the flying capacitor (C1) affects the charge
pump’s load regulation and output resistance. A C1 value
that is too small degrades the device’s ability to provide
sufficient current drive, which leads to a loss of output
voltage. Increasing the value of C1 improves load regula-
tion and reduces the charge-pump output resistance to an
extent. See the Output Power vs. Load Resistance graph
in the Typical Operating Characteristics. Above 1μF, the
on-resistance of the switches and the ESR of C1 and C2
dominate.
Holding Capacitor (C2)
The hold capacitor value and ESR directly affect the ripple
at CPVSS. Increasing the value of C2 reduces output
ripple. Likewise, decreasing the ESR of C2 reduces both
ripple and output resistance. Lower capacitance values
can be used in systems with low maximum output power
levels. See the Output Power vs. Load Resistance graph
in the Typical Operating Characteristics.
Power-Supply Bypass Capacitor (C3)
The power-supply bypass capacitor (C3) lowers the
output impedance of the power supply and reduces
the impact of the MAX13330/MAX13331 charge-pump
switching transients. Bypass CPVDD with C3, the same
value as C1, and place it physically close to the CPVDD
and PGND pins.
Layout and Grounding
Proper layout and grounding are essential for optimum
performance. Connect CPVDD and VDD together at the
device. Connect CPVSS and VSS together at the device.
Bypassing of both supplies is accomplished by charge-
pump capacitors C2 and C3 (see the Typical Application
Circuits). Place capacitors C2 and C3 as close to the
device as possible and bypass them to the PGND plane.
Keep PGND and all traces that carry switching transients
as short as possible to minimize EMI. Route them away
from SGND, the audio signal path, and the external feed-
back components (MAX13331). Connect the PGND plane
and the SGND plane together at a single point on the
PCB. Refer to the MAX13330/MAX13331 Evaluation Kit
for layout guidelines.
ESD Protection
To pass module level ESD requirements, it may be nec-
essary to add ESD diodes to the MAX13330/MAX13331
outputs. Connect the anode to the CPVSS supply, and
connect the cathode to an output pin, as shown in the
Typical Application Circuits.
MAX13330/MAX13331
Automotive DirectDrive Headphone Amplifiers
with Output Protection and Diagnostics
www.maximintegrated.com
Maxim Integrated │ 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com