Electronic Components Datasheet Search
  English  ▼

X  

MAX13331 Datasheet(PDF) 10 Page - Analog Devices

Part # MAX13331
Description  Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX13331 Datasheet(HTML) 10 Page - Analog Devices

Back Button MAX13331 Datasheet HTML 6Page - Analog Devices MAX13331 Datasheet HTML 7Page - Analog Devices MAX13331 Datasheet HTML 8Page - Analog Devices MAX13331 Datasheet HTML 9Page - Analog Devices MAX13331 Datasheet HTML 10Page - Analog Devices MAX13331 Datasheet HTML 11Page - Analog Devices MAX13331 Datasheet HTML 12Page - Analog Devices MAX13331 Datasheet HTML 13Page - Analog Devices MAX13331 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Diagnostic Output
The MAX13330/MAX13331 provides an analog diagnos-
tic output as a fraction of the analog supply voltage VDD.
The voltage at DIAG will correspond to the fault condition
with the highest priority that is present in the system,
as shown in Table 1. When simultaneous fault condi-
tions occur on both headphone outputs, the diagnostic
output will only report the fault condition at OUTR until it
is cleared or removed. Only then will the fault condition
at OUTL be reported at DIAG. Connect DIAG to a high-
impedance input.
For both headphone outputs, short circuits to VBAT are
dynamic and VDIAG will be automatically cleared as soon
as the fault condition is removed. Short circuits to GND
occurring when a positive output voltage is present on
OUTL or OUTR, will result in VDIAG being latched until the
fault condition is cleared.
When VDIAG is latched, it can be cleared by either tog-
gling SHDN low for less than 5μs or initiating a full reset
of the MAX13330/MAX13331. Toggling SHDN low for
less than 5μs will cause the fault to ground to be cleared
without shutting down the device or interrupting the output
state of the amplifiers. A full reset requires SHDN to be
pulled low for more than 50μs. The amplifier outputs will
enter high impedance and remain in that state until the
device exits shutdown.
Click-and-Pop Suppression
In conventional single-supply audio amplifiers, the output-
coupling capacitor is a major contributor of audible clicks
and pops. Upon startup, the amplifier charges the cou-
pling capacitor to its bias voltage, typically half the sup-
ply. Likewise, on shutdown, the capacitor is discharged
to SGND. This results in a DC shift across the capacitor
which appears as an audible transient at the speaker.
Since the MAX13330/MAX13331 does not require output-
coupling capacitors, this problem does not arise.
Additionally, the MAX13330/MAX13331 feature extensive
click-and-pop suppression that eliminates any audible tran-
sient sources internal to the device. The Power-Up/-Down
Transient graph in the Typical Operating Characteristics
shows that there is minimal DC shift and no spurious tran-
sients at the output upon startup or shutdown.
In most applications, the output of the preamplifier driv-
ing the MAX13330/MAX13331 has a DC bias of typically
half the supply. At startup, the input-coupling capacitor is
charged to the preamplifier’s DC-bias voltage through the
feedback resistor of the MAX13330/MAX13331, resulting
in a DC shift across the capacitor and an audible click/
pop. Delaying the rise of SHDN 4 to 5 time constants
(80ms to 100ms) based on RIN and CIN relative to
the startup of the preamplifier, eliminates this click/pop
caused by the input filter.
Shutdown
The MAX13330/MAX13331 feature shutdown control
allowing audio signals to be shut down or muted.
Driving SHDN low disables the amplifiers and the charge
pump, sets the amplifier output impedance to 14kΩ (typ),
and reduces the supply current. In shutdown mode, the
supply current is reduced to 2μA. The charge pump is
enabled once SHDN is driven high.
Applications Information
Power Dissipation
Under normal operating conditions, linear power ampli-
fiers can dissipate a significant amount of power. The
maximum power dissipation for each package is given in
the Absolute Maximum Ratings section under continuous
power dissipation or can be calculated by the following
equation:
(
)
J(MAX)
A
DISSPKG(MAX)
JA
TT
P
−
=
θ
where TJ(MAX) is +145°C, TA is the ambient temperature,
and θJA is the reciprocal of the derating factor in °C/W as
specified in the Absolute Maximum Ratings section. The
thermal resistance θJA of the QSOP package is 120°C/W.
The MAX13330/MAX13331 have two power dissipation
sources: the charge pump and two amplifiers. If power
dissipation for a given application exceeds the maximum
allowed for a particular package, either reduce VDD,
increase load impedance, decrease the ambient tem-
perature, or add heatsinking to the device. Large output,
supply, and ground traces improve the maximum power
dissipation in the package.
Table 1. MAX13330/MAX13331 Diagnostic
Priority
VDIAG
STATE
PRIORITY
VDD
OUTL Short to VBAT
3
3/4 VDD
OUTR Short to VBAT
1
1/2 VDD
OUTL Short to SGND
4
1/4 VDD
OUTR Short to SGND
2
0
No Fault
5
Three State
Shutdown
—
MAX13330/MAX13331
Automotive DirectDrive Headphone Amplifiers
with Output Protection and Diagnostics
www.maximintegrated.com
Maxim Integrated │ 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com