Electronic Components Datasheet Search
  English  ▼

X  

MAX13331 Datasheet(PDF) 3 Page - Analog Devices

Part # MAX13331
Description  Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX13331 Datasheet(HTML) 3 Page - Analog Devices

  MAX13331 Datasheet HTML 1Page - Analog Devices MAX13331 Datasheet HTML 2Page - Analog Devices MAX13331 Datasheet HTML 3Page - Analog Devices MAX13331 Datasheet HTML 4Page - Analog Devices MAX13331 Datasheet HTML 5Page - Analog Devices MAX13331 Datasheet HTML 6Page - Analog Devices MAX13331 Datasheet HTML 7Page - Analog Devices MAX13331 Datasheet HTML 8Page - Analog Devices MAX13331 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
(VDD = VCPVDD = +5V, VSGND = VPGND = 0V, SHDN = VDD, C1 = C2 = 1μF, RL = ∞, resistive load referenced to ground, for
MAX13330 gain = -1.5V/V (internally set), for MAX13331 gain = -1.5V/V (RIN = 30kΩ, RFB = 45kΩ), TA = TJ = -40°C to +105°C, unless
otherwise noted. Typical values are at TA = +25°C, unless otherwise noted.) (Note 2)
Note 2: All devices are 100% tested at TA = +25°C; specifications over temperature limits are guaranteed by design and QA
sampling.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Short-to-SGND Threshold
130
mA
Short-to-VBAT Threshold
130
mA
AMPLIFIERS
Voltage Gain
AV
MAX13330
-1.48
-1.5
-1.52
V/V
Gain Matching
MAX13330
±0.2
%
Input Offset Voltage
±1
±6
mV
Input Bias Current
VIN_ = 0V
50
nA
Input Impedance
RIN
MAX13330
20
30
kΩ
Power-Supply Rejection Ratio
PSRR
DC, VDD = 4.0V to 5.5V, input referred
-86
dB
f =1kHz, VRIPPLE = 100mVP-P
-80
Output Power Per Channel
POUT_
THD+N = 1%;
VDD = VCPVDD = 5V;
fIN = 1kHz
RL = 8Ω
75
mW
RL = 16Ω
120
RL = 32Ω
135
Output Voltage
VOUT_
RL = 1kΩ
2
VRMS
Output Impedance in Shutdown
14
kΩ
Total Harmonic Distortion Plus
Noise
THD+N
RL = 16Ω, POUT = 100mW, f = 1kHz
0.03
%
RL = 32Ω, POUT = 125mW, f = 1kHz
0.01
%
Signal-to-Noise Ratio
SNR
RL = 32Ω, POUT = 135mW, f = 22Hz to 22kHz
100
dB
Noise
Vn
f = 22Hz to 22kHz bandwidth; inputs
AC-coupled to grounded
6
µVRMS
Slew Rate
SR
0.3
V/µs
Maximum Capacitive Load
CL
No sustained oscillation
3000
pF
Click-and-Pop Level
KCP
Peak voltage, TA =
+25°C, A-weighted,
32 samples per
second; Inputs AC-
coupled to ground
Into shutdown
-80
dB
Out of shutdown
-60
Charge-Pump Oscillator
Frequency
fOSC
1.9
2.2
2.5
MHz
Crosstalk
RL = 32Ω, VIN = 200mVP-P, f = 10kHz
-75
dB
Thermal-Shutdown Temperature
+155
°C
Thermal-Shutdown Hysteresis
10
°C
ESD Protection
Human Body Model (OUTR and OUTL)
±15
kV
MAX13330/MAX13331
Automotive DirectDrive Headphone Amplifiers
with Output Protection and Diagnostics
www.maximintegrated.com
Maxim Integrated │ 3
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com