Electronic Components Datasheet Search
  English  ▼

X  

AFE7950 Datasheet(PDF) 21 Page - Texas Instruments

Part # AFE7950
Description  AFE7950-x 4T6R RF Sampling AFE with 12GSPS DACs and 3GSPS ADCs
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE7950 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AFE7950 Datasheet HTML 17Page - Texas Instruments AFE7950 Datasheet HTML 18Page - Texas Instruments AFE7950 Datasheet HTML 19Page - Texas Instruments AFE7950 Datasheet HTML 20Page - Texas Instruments AFE7950 Datasheet HTML 21Page - Texas Instruments AFE7950 Datasheet HTML 22Page - Texas Instruments AFE7950 Datasheet HTML 23Page - Texas Instruments AFE7950 Datasheet HTML 24Page - Texas Instruments AFE7950 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 126 page
background image
Typical values at TA = +25°C, full temperature range is TA,MIN = -40°C to TJ,MAX = +110°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CL
Input capacitance
Each pin to GND
0.5
pF
LVDS Inputs: 0SYNCIN+/- and 1SYNCIN+/-
VICOM
Input Common Voltage
1.2
V
VID
Differential Input Voltage swing
450
mVppdiff(3)
ZT
Input termination
differential
100
Ω
LVDS Outputs: 0SYNCOUT+/- and 1SYNCOUT+/-
VOCOM
Output Common Voltage
1.2
V
VOD
Differential Output Voltage swing
355
mVppdiff(3)
(1)
Default setting. SYSREF termination is programmable between nominally 100Ω, 150Ω and 300Ω
(2)
Loss tolerance is bump to bump from STX to SRX
(3)
Vppdiff is the difference between the maximum differential voltage (positive value) and minimum differential voltage (negative value).
4.9 Power Supply Electrical Characteristics
Typical values at TA = +25°C, full temperature range is TA,MIN = -40°C to TJ,MAX = +110°C; TX Input Rate = 491.52MSPS,
fDAC = 8847.36MSPS interleave mode; fADC = 2949.12MSPS; nominal power supplies; 1 tone at -1 dBFS; DSA Attenuation
=0dB; SerDes rate = 24.33Gbps; unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IVDD1P8
Group 3A: VDD1P8FB + VDD1P8RX +
VDD1P8TX
Mode 1: 4T2F - FDD FB 100% on, no RX
TX/FB Rate: 491.52 Msps Single Band:
12x Int, FB 6x Dec fDAC = 5898.24 SPS
fADC = 2949.12MSPS fTX = 1.85 GHz
64/66 coding, 16.22Gbps TX: 4-8-4-1, FB:
2-4-4-1
948.2
mA
Group 3B: VDD1P8FBCLK +
VDD1P8RXCLK + VDD1P8TXDAC+
VDD1P8GPIO + VDDA1P8
533.7
mA
Group 3C: VDD1P8PLL +
VDD1P8PLLVCO
77.3
mA
IVDD1P2
Group 2A: VDD1P2FB + VDD1P2RX
299.4
mA
Group 2B: VDD1P2TXCLK +
VDD1P2TXENC
804.5
mA
Group 2C: VDD1P2FBCML +
VDD1P2RXCML + VDD1P2PLLCLKREF
49.1
mA
IVDD0P9
Group 1A: DVDD0P9 + VDDT0P9
2041.3
mA
Pdiss
Power Dissipation
6027.1
mW
IVDD1P8
Group 3A: VDD1P8FB + VDD1P8RX +
VDD1P8TX
Mode 2: 4T4R - TDD 1F shared with
RX TX 75%, RX 25%, FB 75% Dual
Band: 12x Int, FB 6x Dec, RX 24x
Dec TX/FB Rate 491.52 Msps RX Rate
122.88 Msps fDAC = 8847.36MSPS fADC
= 2949.12MSPS fOUT=fIN= 1.9, 2.6 GHz
64/66 coding, 16.22Gbps TX: 8-16-4-1,
FB: 2-4-4-1, RX: 2-16-16-1
820.4
mA
Group 3B: VDD1P8FBCLK +
VDD1P8RXCLK + VDD1P8TXDAC+
VDD1P8GPIO + VDDA1P8
735.2
mA
Group 3C: VDD1P8PLL +
VDD1P8PLLVCO
74.4
mA
IVDD1P2
Group 2A: VDD1P2FB + VDD1P2RX
289.0
mA
Group 2B: VDD1P2TXCLK +
VDD1P2TXENC
822.0
mA
Group 2C: VDD1P2FBCML +
VDD1P2RXCML + VDD1P2PLLCLKREF
45.6
mA
IVDD0P9
Group 1A: DVDD0P9 + VDDT0P9
2263.8
mA
Pdiss
Power Dissipation
6359.2
mW
www.ti.com
AFE7950-SP
SBASAG7A – MARCH 2024 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: AFE7950-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com