Electronic Components Datasheet Search
  English  ▼

X  

AFE7950 Datasheet(PDF) 59 Page - Texas Instruments

Part # AFE7950
Description  AFE7950-x 4T6R RF Sampling AFE with 12GSPS DACs and 3GSPS ADCs
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE7950 Datasheet(HTML) 59 Page - Texas Instruments

Back Button AFE7950 Datasheet HTML 55Page - Texas Instruments AFE7950 Datasheet HTML 56Page - Texas Instruments AFE7950 Datasheet HTML 57Page - Texas Instruments AFE7950 Datasheet HTML 58Page - Texas Instruments AFE7950 Datasheet HTML 59Page - Texas Instruments AFE7950 Datasheet HTML 60Page - Texas Instruments AFE7950 Datasheet HTML 61Page - Texas Instruments AFE7950 Datasheet HTML 62Page - Texas Instruments AFE7950 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 126 page
background image
4.12.5 TX Typical Characteristics at 4.9GHz (continued)
Typical values at TA = +25°C with nominal supplies. Default conditions: TX input data rate = 491.52MSPS, fDAC =
11796.48MSPS (24x interpolation), interleave mode, 1st Nyquist zone output, PLL clock mode with fREF = 491.52MHz, AOUT =
–1dBFS, DSA = 0dB, Sin(x)/x enabled, DSA calibrated
DSA (dB)
0
4
8
12
16
20
24
28
32
36
40
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
1TX
2TX
3TX
4TX
fDAC = 11796.48MSPS, interleave mode, matching at 4.9GHz
Integrated Gain Error = POUT(DSA Setting) – POUT(DSA
Setting = 0) + (DSA Setting)
Figure 4-155. TX Calibrated Integrated Gain Error vs DSA
Setting and Channel at 4.9GHz
DSA (dB)
0
4
8
12
16
20
24
28
32
36
40
-0.05
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
0.05
-40 qC
25 qC
105 qC
fDAC = 11796.48MSPS, interleaved mode, matching at 4.9GHz
Differential Gain Error = POUT(DSA Setting – 1) – POUT(DSA
Setting) + 1
Figure 4-156. TX Uncalibrated Differential Gain Error vs DSA
Setting and Temperature at 4.9GHz
DSA (dB)
0
4
8
12
16
20
24
28
32
36
40
-0.05
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
-40 qC
25 qC
105 qC
fDAC = 11796.48MSPS, interleaved mode, matching at 4.9GHz
Differential Gain Error = POUT(DSA Setting – 1) – POUT(DSA
Setting) + 1
Figure 4-157. TX Calibrated Differential Gain Error vs DSA
Setting and Temperature at 4.9GHz
DSA (dB)
0
4
8
12
16
20
24
28
32
36
40
-0.05
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-40 qC
25 qC
105 qC
fDAC = 11796.48MSPS, interleaved mode, matching at 4.9GHz
Integrated Gain Error = POUT(DSA Setting) – POUT(DSA
Setting = 0) + (DSA Setting)
Figure 4-158. TX Uncalibrated Integrated Gain Error vs DSA
Setting and Temperature at 4.9GHz
DSA (dB)
0
4
8
12
16
20
24
28
32
36
40
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
-40 qC
25 qC
105 qC
fDAC = 11796.48MSPS, interleaved mode, matching at 4.9GHz
Integrated Gain Error = POUT(DSA Setting) – POUT(DSA
Setting = 0) + (DSA Setting)
Figure 4-159. TX Calibrated Integrated Gain Error vs DSA
Setting and Temperature at 4.9GHz
DSA (dB)
0
4
8
12
16
20
24
28
32
36
40
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
1TX
2TX
3TX
4TX
fDAC = 11796.48MSPS, interleaved mode, matching at 4.9GHz
Differential Phase Error = PhaseOUT(DSA Setting – 1) –
PhaseOUT(DSA Setting)
Figure 4-160. TX Uncalibrated Differential Phase Error vs DSA
Setting and Channel at 4.9GHz
www.ti.com
AFE7950-SP
SBASAG7A – MARCH 2024 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: AFE7950-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com