Electronic Components Datasheet Search
  English  ▼

X  

AFE7950 Datasheet(PDF) 80 Page - Texas Instruments

Part # AFE7950
Description  AFE7950-x 4T6R RF Sampling AFE with 12GSPS DACs and 3GSPS ADCs
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE7950 Datasheet(HTML) 80 Page - Texas Instruments

Back Button AFE7950 Datasheet HTML 76Page - Texas Instruments AFE7950 Datasheet HTML 77Page - Texas Instruments AFE7950 Datasheet HTML 78Page - Texas Instruments AFE7950 Datasheet HTML 79Page - Texas Instruments AFE7950 Datasheet HTML 80Page - Texas Instruments AFE7950 Datasheet HTML 81Page - Texas Instruments AFE7950 Datasheet HTML 82Page - Texas Instruments AFE7950 Datasheet HTML 83Page - Texas Instruments AFE7950 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 126 page
background image
4.12.7 TX Typical Characteristics at 9.6GHz (continued)
Typical values at TA = +25°C with nominal supplies. Default conditions: TX input data rate = 1474.56MSPS, fDAC =
11796.48MSPS (8x interpolation), Mixed mode, 1st Nyquist zone output, PLL clock mode with fREF = 491.52MHz, AOUT
= –1dBFS, DSA = 0dB, Sin(x)/x enabled, DSA calibrated, 9.6GHz matching
To ne Amplitude (dBFS)
-60 -55 -50 -45 -40 -35 -30 -25 -20 -15 -10
-5
-100
-95
-90
-85
-80
-75
-70
-65
-60
1TX
2TX
3TX
4TX
50 MHz tone spacing
Figure 4-265. TX 2-tone SFDR vs Digital Amplitude at 9.61GHz
Frequency (MHz)
0
2000
4000
6000
8000
10000
12000
-100
-80
-60
-40
-20
0
Includes PCB and cable losses.
Figure 4-266. TX Single Tone Spectrum at 9.61GHz and -1dBFS
(wideband)
Frequency (MHz)
9000
9200
9400
9600
9800
10000
10200
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Includes PCB and cable losses.
Figure 4-267. TX Single Tone Spectrum at 9.61GHz and -1dBFS
(1.2GHz BW)
Frequency (MHz)
0
2000
4000
6000
8000
10000
12000
-100
-80
-60
-40
-20
0
Includes PCB and cable losses.
Figure 4-268. TX Single Tone Spectrum at 9.61GHz and -6dBFS
(wideband)
Includes PCB and cable losses.
Figure 4-269. TX Single Tone Spectrum at 9.61GHz and -6dBFS
(1.2GHz BW)
Frequency (MHz)
0
2000
4000
6000
8000
10000
12000
-100
-80
-60
-40
-20
0
Includes PCB and cable losses.
Figure 4-270. TX Single Tone Spectrum at 9.61GHz and -12dBFS
(wideband)
AFE7950-SP
SBASAG7A – MARCH 2024 – REVISED AUGUST 2024
www.ti.com
80
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AFE7950-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com