Electronic Components Datasheet Search
  English  ▼

X  

AFE7950 Datasheet(PDF) 12 Page - Texas Instruments

Part # AFE7950
Description  AFE7950-x 4T6R RF Sampling AFE with 12GSPS DACs and 3GSPS ADCs
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE7950 Datasheet(HTML) 12 Page - Texas Instruments

Back Button AFE7950 Datasheet HTML 8Page - Texas Instruments AFE7950 Datasheet HTML 9Page - Texas Instruments AFE7950 Datasheet HTML 10Page - Texas Instruments AFE7950 Datasheet HTML 11Page - Texas Instruments AFE7950 Datasheet HTML 12Page - Texas Instruments AFE7950 Datasheet HTML 13Page - Texas Instruments AFE7950 Datasheet HTML 14Page - Texas Instruments AFE7950 Datasheet HTML 15Page - Texas Instruments AFE7950 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 126 page
background image
Typical values at TA = +25°C, full temperature range is TA,MIN = -40°C to TJ,MAX = +110°C; TX Input Rate = 491.52MSPS
below 6GHz and 1474.56MSPS above 6GHz, fDAC = 11796.48MSPS; PLL clock mode below 6GHz output frequency and
External clock mode above 6GHz output frequency; interleave mode for 1st Nyquist, non-interleave mix mode for 2nd Nyquist,
nominal power supplies; 1 tone at -1 dBFS; DSA Attenuation =0dB; SerDes rate = 16.22Gbps, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PNTXADD
Additive Phase Noise External Clock
Mode(3)
fout = 9.6GHz, fOFFSET = 100Hz
-88
dBc/Hz
fout = 9.6GHz, fOFFSET = 1kHz
-102
dBc/Hz
fout = 9.6GHz, fOFFSET = 10kHz
-110
dBc/Hz
fout = 9.6GHz, fOFFSET = 100kHz
-123
dBc/Hz
fout = 9.6GHz, fOFFSET = 1MHz
-136
dBc/Hz
fout = 9.6GHz, fOFFSET = 10MHz
-143
dBc/Hz
fout = 9.6GHz, fOFFSET = 100MHz
-146
dBc/Hz
(1)
Measured with differential 50 ohm across TxP/M. The DC bias to 1.8V to each TxP/M at each pin remains and is not removed. Other
external components on the TX paths are disconnected.
(2)
After DSA calibration procedure
(3)
Single side band, input clock phase noise subtracted.
AFE7950-SP
SBASAG7A – MARCH 2024 – REVISED AUGUST 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AFE7950-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com