Electronic Components Datasheet Search
  English  ▼

X  

AFE7950 Datasheet(PDF) 13 Page - Texas Instruments

Part # AFE7950
Description  AFE7950-x 4T6R RF Sampling AFE with 12GSPS DACs and 3GSPS ADCs
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE7950 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AFE7950 Datasheet HTML 9Page - Texas Instruments AFE7950 Datasheet HTML 10Page - Texas Instruments AFE7950 Datasheet HTML 11Page - Texas Instruments AFE7950 Datasheet HTML 12Page - Texas Instruments AFE7950 Datasheet HTML 13Page - Texas Instruments AFE7950 Datasheet HTML 14Page - Texas Instruments AFE7950 Datasheet HTML 15Page - Texas Instruments AFE7950 Datasheet HTML 16Page - Texas Instruments AFE7950 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 126 page
background image
4.6 RF ADC Electrical Characteristics
Typical values at TA = +25°C, full temperature range is TA,MIN = -40°C to TJ,MAX = +110°C; RX Output Rate = 491.52MSPS
below 6GHz input frequency and 1474.56MSPS above 6GHz input frequency, fADC = 2949.12MSPS; PLL clock mode with
fREF = 491.52MHz below 6GHz input frequency and External clock mode with fCLK = 11796.48MHz above 6GHz input
frequency; nominal power supplies; DSA Setting = 4dB below 6GHz and 3dB above 6GHz; SerDes rate =24.33Gbps; unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADCRES
ADC resolution
14
bits
FADC
ADC Sample Rate
1.5
3
GSPS
FRFin_MAX
RF input frequency range
Requires PCB matching based on
frequency range
12000
MHz
FRFin_MIN
RF input frequency range
Requires PCB matching based on
frequency range
5
MHz
PFS_CW,min
Min Full scale input power, at device
pins (1)
fIN = 830 MHz, DSA=0dB
-2.9
dBm
fIN = 1760 MHz, DSA=0dB
-2.8
dBm
fIN = 2610 MHz, DSA=0dB
-1.8
dBm
fIN = 3610 MHz, DSA=0dB
-0.4
dBm
fIN = 4910 MHz, DSA=0dB
0.1
dBm
fIN = 8150 MHz, DSA=0dB
2.1
dBm
fIN = 9610 MHz, DSA=0dB
4.3
dBm
PFS_CW,MAX
MAX Full scale input power - reliability
limited, at device pins
fIN = 830 MHz, DSA = 20dB
16.7
dBm
fIN = 1760 MHz, DSA = 20dB
17.0
dBm
fIN = 2610 MHz, DSA = 20dB
18
dBm
fIN = 3610 MHz, DSA = 20dB
18.5
dBm
fIN = 4910 MHz, DSA = 20dB
19.3
dBm
fIN = 8150 MHz, DSA = 20dB
21.3
dBm
fIN = 9610 MHz, DSA = 20dB
23.5
dBm
S11
Input Return Loss
with matching network
-12
dB
ATTrange
DSA Attenuation range
25
dB
ATTstep
DSA Attenuation step
0.5
dB
DSA Attenuation step accuracy
Delta=Gatt(X)-Gatt(X-1),
Fin=3610MHz, after calibration
±0.1
dB
DSA Gain Steps Phase accuracy
any 8dB range
Fin=3610MHz, after calibration
±0.9
deg
DSA Gain Steps Phase accuracy
any 8dB range
Fin=4910MHz, after calibration
±1.8
deg
www.ti.com
AFE7950-SP
SBASAG7A – MARCH 2024 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: AFE7950-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com