Electronic Components Datasheet Search
  English  ▼

X  

AFE7950 Datasheet(PDF) 39 Page - Texas Instruments

Part # AFE7950
Description  AFE7950-x 4T6R RF Sampling AFE with 12GSPS DACs and 3GSPS ADCs
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE7950 Datasheet(HTML) 39 Page - Texas Instruments

Back Button AFE7950 Datasheet HTML 35Page - Texas Instruments AFE7950 Datasheet HTML 36Page - Texas Instruments AFE7950 Datasheet HTML 37Page - Texas Instruments AFE7950 Datasheet HTML 38Page - Texas Instruments AFE7950 Datasheet HTML 39Page - Texas Instruments AFE7950 Datasheet HTML 40Page - Texas Instruments AFE7950 Datasheet HTML 41Page - Texas Instruments AFE7950 Datasheet HTML 42Page - Texas Instruments AFE7950 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 126 page
background image
4.12.2 TX Typical Characteristics at 1.8GHz (continued)
Typical values at TA = +25°C with nominal supplies. Default conditions: TX input data rate = 491.52MSPS, fDAC =
11796.48MSPS (24x interpolation), interleave mode, 1st Nyquist zone output, PLL clock mode with fREF = 491.52MHz, AOUT =
–1 dBFS, DSA = 0dB, Sin(x)/x enabled, DSA calibrated
DSA (dB)
0
4
8
12
16
20
24
28
32
36
40
-0.02
-0.01
0
0.01
0.02
0.03
0.04
0.05
1TX
2TX
3TX
4TX
fDAC = 5898.24MSPS, interleave mode, matching at 1.8GHz
Differential Phase Error = PhaseOUT(DSA Setting – 1) –
PhaseOUT(DSA Setting)
Figure 4-54. TX Uncalibrated Differential Phase Error vs DSA
Setting and Channel at 1.8GHz
DSA (dB)
0
4
8
12
16
20
24
28
32
36
40
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
1TX
2TX
3TX
4TX
fDAC = 8847.36MSPS, straight mode, matching at 2.6GHz
Differential Phase Error = PhaseOUT(DSA Setting – 1) –
PhaseOUT(DSA Setting)
Phase DNL spike may occur at any DSA setting.
Figure 4-55. TX Calibrated Differential Phase Error vs DSA
Setting and Channel at 1.8GHz
DSA (dB)
0
4
8
12
16
20
24
28
32
36
40
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
1TX
2TX
3TX
4TX
fDAC = 5898.24MSPS, interleave mode, matching at 1.8GHz
Integrated Phase Error = Phase(DSA Setting) – Phase(DSA
Setting = 0)
Figure 4-56. TX Uncalibrated Integrated Phase Error vs DSA
Setting and Channel at 1.8GHz
DSA (dB)
0
4
8
12
16
20
24
28
32
36
40
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
1TX
2TX
3TX
4TX
fDAC = 5898.24MSPS, interleave mode, matching at 1.8GHz
Integrated Phase Error = Phase(DSA Setting) – Phase(DSA
Setting = 0)
Figure 4-57. TX Calibrated Integrated Phase Error vs DSA
Setting and Channel at 1.8GHz
www.ti.com
AFE7950-SP
SBASAG7A – MARCH 2024 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: AFE7950-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com