Electronic Components Datasheet Search
  English  ▼

X  

AFE7950 Datasheet(PDF) 11 Page - Texas Instruments

Part # AFE7950
Description  AFE7950-x 4T6R RF Sampling AFE with 12GSPS DACs and 3GSPS ADCs
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE7950 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AFE7950 Datasheet HTML 7Page - Texas Instruments AFE7950 Datasheet HTML 8Page - Texas Instruments AFE7950 Datasheet HTML 9Page - Texas Instruments AFE7950 Datasheet HTML 10Page - Texas Instruments AFE7950 Datasheet HTML 11Page - Texas Instruments AFE7950 Datasheet HTML 12Page - Texas Instruments AFE7950 Datasheet HTML 13Page - Texas Instruments AFE7950 Datasheet HTML 14Page - Texas Instruments AFE7950 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 126 page
background image
Typical values at TA = +25°C, full temperature range is TA,MIN = -40°C to TJ,MAX = +110°C; TX Input Rate = 491.52MSPS
below 6GHz and 1474.56MSPS above 6GHz, fDAC = 11796.48MSPS; PLL clock mode below 6GHz output frequency and
External clock mode above 6GHz output frequency; interleave mode for 1st Nyquist, non-interleave mix mode for 2nd Nyquist,
nominal power supplies; 1 tone at -1 dBFS; DSA Attenuation =0dB; SerDes rate = 16.22Gbps, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
NSDdBFS
Noise Spectral Density 50MHz offset
Fout =8.1 GHz
Atten=0dB, Pout=-13dBFs
-149
dBFS/
Hz
Atten=20dB, Pout=-13dBFs
-147
dBFS/
Hz
Atten=28dB, Pout=-13dBFs
-141
dBFS/
Hz
Atten=39dB, Pout=-13dBFs
-130
dBFS/
Hz
NSDdBFS
Noise Spectral Density 50MHz offset
Fout =9.6 GHz
Atten=0dB, Pout=-13dBFs
-148
dBFS/
Hz
Atten=20dB, Pout=-13dBFs
-144
dBFS/
Hz
Atten=28dB, Pout=-13dBFs
-137
dBFS/
Hz
Atten=39dB, Pout=-13dBFs
-126
dBFS/
Hz
S22
Output Return Loss, <6GHz, +/- fc *
10%
with matching
-17
dB
Output Return Loss, >8GHz, +/- fc *
10%
with matching
-13
dB
Isolation
Near Channel:
1TXOUT to 2TXOUT or 3TXOUT to
4TXOUT(1)
fout = 900 MHz, fDAC = 8847.36MSPS,
straight mode
-49
dB
fout = 1850 MHz, fDAC =
8847.36MSPS, straight mode
-59
dB
fout = 2600 MHz, fDAC =
8847.36MSPS, straight mode
-64
dB
fout = 3500 MHz, fDAC =
8847.36MSPS, straight mode
-66
dB
fout= 4900 MHz, fDAC =
8847.36MSPS, straight mode
-60
dB
fout = 900 MHz, fDAC = 8847.36MSPS,
straight mode
-90
dB
fout = 1850 MHz, fDAC =
8847.36MSPS, straight mode
-91
dB
fout = 2600 MHz, fDAC =
8847.36MSPS, straight mode
-93
dB
fout = 3500 MHz, fDAC =
8847.36MSPS, straight mode
-94
dB
fout= 4900 MHz, fDAC =
8847.36MSPS, straight mode
-83
dB
fout= 8100 MHz
-47
dB
fout= 9600 MHz
-60
dB
Far Channel:
1/2TXOUT to 3/4TXOUT
fout= 8100 MHz
-80
dB
www.ti.com
AFE7950-SP
SBASAG7A – MARCH 2024 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: AFE7950-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com