Electronic Components Datasheet Search
  English  ▼

X  

AD4693 Datasheet(PDF) 32 Page - Analog Devices

Part # AD4693
Description  8-Channel, Easy Drive Multiplexed SAR ADC with Averaging Filters Per Channel
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4693 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD4693 Datasheet HTML 28Page - Analog Devices AD4693 Datasheet HTML 29Page - Analog Devices AD4693 Datasheet HTML 30Page - Analog Devices AD4693 Datasheet HTML 31Page - Analog Devices AD4693 Datasheet HTML 32Page - Analog Devices AD4693 Datasheet HTML 33Page - Analog Devices AD4693 Datasheet HTML 34Page - Analog Devices AD4693 Datasheet HTML 35Page - Analog Devices AD4693 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 77 page
background image
Data Sheet
AD4693/AD4694
THEORY OF OPERATION
analog.com
Rev. 0 | 32 of 77
ADC core (as described in the Transfer Function section). When
ACC_COUNT is not a power-of-2, the running sum is divided by a
larger divisor than a true mean calculation would use, resulting in
a smaller effective LSB size and a loss in resolution. When reading
from AVG_DATA, it is therefore recommended to set the accumula-
tor depth to a power-of-2. Otherwise, it is recommended to read the
ACC_DATA value instead (and optionally perform divide-by-depth in
the digital host).
Table 13. Averaging Filter Right-Shift Operations vs. ACC_COUNT
ACC_COUNT
Right-Shifts
Effective Divisor
1
0
1
2
1
2
3, 4
2
4
5 to 8
3
8
9 to 16
4
16
17 to 32
5
32
33 to 64
6
64
Averaging Filter Readback
The AD4693/AD4694 include the following four sets of registers for
reading data (and optional status) from the averaging filters:
►
AVG_IN0 through AVG_IN7 contain the 16-bit averaged data
from each channel
►
AVG_STS_IN0 through AVG_STS_IN7 contain the 16-bit aver-
aged data plus eight bits of status from each channel
►
ACC_IN0 through ACC_IN7 contain the 24-bit accumulator out-
put from each channel
►
ACC_STS_IN0 through ACC_STS_IN7 contain the 24-bit accu-
mulator output plus eight bits of status from each channel
Table 14 through Table 17 summarize the names, addresses, and
contents of the four readback register sets. The Bulk Reading
ADC Data Registers section provides recommendations for reading
multiple (or all) channels' registers in a single SPI frame for efficient
data transfer to the digital host.
Figure 101 shows a flowchart for selecting between the different
readback register sets.
Table 14. Averaging Filter Data Registers (AVG_INx)
Register Name
Register Address
Register Contents
AVG_IN0
0x0200
AVG_DATA[7:0]
0x0201
AVG_DATA[15:8]
AVG_IN1
0x0202
AVG_DATA[7:0]
0x0203
AVG_DATA[15:8]
...
...
...
AVG_IN7
0x020E
AVG_DATA[7:0]
0x020F
AVG_DATA[15:8]
Table 15. Averaging Filter Data Plus Status Registers (AVG_STS_INx)
Register Name
Register Address
Register Contents
AVG_STS_IN0
0x0220
ACC_ERR,
ACC_COUNT[6:0]
0x0221
AVG_DATA[7:0]
0x0222
AVG_DATA[15:8]
...
...
...
AVG_STS_IN7
0x0235
ACC_ERR,
ACC_COUNT[6:0]
0x0236
AVG_DATA[7:0]
0x0237
AVG_DATA[15:8]
Table 16. Accumulator Data Registers (ACC_INx)
Register Name
Register Address
Register Contents
ACC_IN0
0x0250
ACC_DATA[7:0]
0x0251
ACC_DATA[15:8]
0x0252
ACC_DATA[23:16]
...
...
...
ACC_IN7
0x0265
ACC_DATA[7:0]
0x0266
ACC_DATA[15:8]
0x0267
ACC_DATA[23:16]
Table 17. Accumulator Data Plus Status Registers (ACC_STS_INx)
Register Name
Register Address
Register Contents
ACC_STS_IN0
0x0280
ACC_ERR,
ACC_COUNT[6:0]
0x0281
ACC_DATA[7:0]
0x0282
ACC_DATA[15:8]
0x0283
ACC_DATA[23:16]
...
...
...
ACC_STS_IN7
0x029C
ACC_ERR,
ACC_COUNT[6:0]
0x029D
ACC_DATA[7:0]
0x029E
ACC_DATA[15:8]
0x029F
ACC_DATA[23:16]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com