Electronic Components Datasheet Search
  English  ▼

X  

AD4693 Datasheet(PDF) 6 Page - Analog Devices

Part # AD4693
Description  8-Channel, Easy Drive Multiplexed SAR ADC with Averaging Filters Per Channel
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4693 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD4693 Datasheet HTML 2Page - Analog Devices AD4693 Datasheet HTML 3Page - Analog Devices AD4693 Datasheet HTML 4Page - Analog Devices AD4693 Datasheet HTML 5Page - Analog Devices AD4693 Datasheet HTML 6Page - Analog Devices AD4693 Datasheet HTML 7Page - Analog Devices AD4693 Datasheet HTML 8Page - Analog Devices AD4693 Datasheet HTML 9Page - Analog Devices AD4693 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 77 page
background image
Data Sheet
AD4693/AD4694
SPECIFICATIONS
analog.com
Rev. 0 | 6 of 77
Table 1. Specifications (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
LDO_IN
Internal LDO regulator enabled
Internal reference buffer disabled
9
μA
Internal reference buffer enabled
18
μA
VDD
Internal LDO regulator disabled
Internal reference buffer disabled
3.7
µA
Internal reference buffer enabled
9
µA
VIO
VIO = 1.8V
250
nA
AVDD Current
Internal reference buffer disabled
fS = 500kSPS
0.6
0.73
mA
fS = 1MSPS
1.2
1.45
mA
Internal reference buffer enabled
fS = 500kSPS
1.0
1.4
mA
fS = 1MSPS
1.65
2.2
mA
LDO_IN Current
Internal LDO regulator enabled
fS = 500kSPS
2.5
3.4
mA
fS = 1MSPS
5
6.8
mA
VDD Current
Internal LDO regulator disabled
fS = 500kSPS
2.4
3.3
mA
fS = 1MSPS
4.8
6.6
mA
POWER DISSIPATION
Standby Power Dissipation
Internal LDO regulator disabled
Internal reference buffer disabled
7.6
µW
Internal reference buffer enabled
2.4
mW
Internal LDO regulator enabled
Internal reference buffer disabled
46
µW
Internal reference buffer enabled
2.5
mW
Power Dissipation, Internal LDO Regulator Disabled
LDO_IN = AGND, VDD = 1.8V
Internal reference buffer disabled
fS = 500kSPS
7.3
9.6
mW
fS = 1MSPS
14.6
19.1
mW
Internal reference buffer enabled
fS = 500kSPS
9.3
12.9
mW
fS = 1MSPS
16.9
22.9
mW
Power Dissipation, Internal LDO Regulator Enabled
LDO_IN = 5V
Internal reference buffer disabled
fS = 500kSPS
15.5
20.7
mW
fS = 1MSPS
31
41.4
mW
Internal reference buffer enabled
fS = 500kSPS
17.5
24
mW
fS = 1MSPS
33.3
45
mW
TEMPERATURE RANGE
Specified Performance
TMIN to TMAX
−40
+125
°C
1 The reference buffer turn-on time specification is the time needed for the reference buffer to drive the REF voltage from 0V to VREF to 0.01% accuracy. See Figure 41.
2 Offset error, gain error, and full-scale error drift utilizes the box method across the full operating temperature range of −40°C to +125°C.
3 %FS is the percentage of the ADC full scale (see the Transfer Function section for a definition of full scale).
4 See the Internal LDO Regulator section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com