Electronic Components Datasheet Search
  English  ▼

X  

AD4693 Datasheet(PDF) 40 Page - Analog Devices

Part # AD4693
Description  8-Channel, Easy Drive Multiplexed SAR ADC with Averaging Filters Per Channel
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4693 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD4693 Datasheet HTML 36Page - Analog Devices AD4693 Datasheet HTML 37Page - Analog Devices AD4693 Datasheet HTML 38Page - Analog Devices AD4693 Datasheet HTML 39Page - Analog Devices AD4693 Datasheet HTML 40Page - Analog Devices AD4693 Datasheet HTML 41Page - Analog Devices AD4693 Datasheet HTML 42Page - Analog Devices AD4693 Datasheet HTML 43Page - Analog Devices AD4693 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 77 page
background image
Data Sheet
AD4693/AD4694
MODES OF OPERATION
analog.com
Rev. 0 | 40 of 77
MANUAL MODE
Manual mode differs from the other operating modes by bypassing
the configuration registers, channel sequencer, and averaging filters
to enable faster data readback and direct SPI control over the
multiplexer channel sequencing. The manual mode SPI protocol
does not follow the register access format described in the Register
Access section. ADC results are read out on SDO without a register
access instruction phase on SDI. The SDI data instead consist of a
5-bit command code (CMD) used for selecting the next multiplexer
channel.
Table 21 lists the valid manual mode CMD codes. CMD codes are
sent in the first five bits of SDI input data. The code values written
in the CMD[4:0] column represent the 5-bit CMD values, while the
SDI[15:0] column translates these 5-bit values to a 16-bit equivalent
value (with padded zeros) to align with the 16-bit ADC data on
SDO. All other 5-bit values of CMD are treated as no operation,
where the multiplexer remains on the current channel for the next
conversion.
Setting the MANUAL_MODE bit to 1 puts the AD4693/AD4694 into
manual mode. The device remains in manual mode until the exit
command is sent on SDI. Upon receiving the exit command, the
MANUAL_MODE bit is cleared and the device exits manual mode.
Figure 73 shows a timing diagram of exiting manual mode with the
exit command.
In manual mode, the CNV input functions as the ADC sampling
clock source. Each rising edge of the CNV signal triggers a single
conversion. The digital host reads the conversion result via the SPI
before sending the next CNV rising edge.
Figure 70 shows a typical connection diagram for the digital host,
and Figure 71 shows a timing diagram of the CNV signal and SPI
frames containing the CMD codes on SDI and the ADC data on
SDO. Manual mode is backwards compatible with the AD4696 two
cycle command mode. There is a two cycle delay between sending
an SDI CMD and when the resulting ADC sample is read on SDO.
Manual mode includes optional status bits which contain the chan-
nel identification for the ADC data, and an OV_ERR bit which
indicates if any of the overvoltage protection clamps are active.
The status bits are enabled by setting the STATUS_EN bit in
the DEVICE_SETUP bit to 1. When the status bits are enabled,
the 16-bit SDO data packets are extended to 24-bits. Figure 72
shows the SDO data packet format in manual mode with status bits
disabled and enabled.
Figure 97 illustrates the step-by-step configuration flow for AD4693/
AD4694 in manual mode.
Table 21. Manual Mode CMD Code Functions
CMD[4:0]
SDI[15:0]
Function
0x0A
0x5000
Exit command
0x0F
0x7000
Temperature sensor
0x10 to 0x17
0x8000 to 0xB800
IN0 to IN7 channel selection
Figure 70. Manual Mode Example Connection Diagram
Figure 71. Manual Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com