Electronic Components Datasheet Search
  English  ▼

X  

AD4693 Datasheet(PDF) 23 Page - Analog Devices

Part # AD4693
Description  8-Channel, Easy Drive Multiplexed SAR ADC with Averaging Filters Per Channel
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4693 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD4693 Datasheet HTML 19Page - Analog Devices AD4693 Datasheet HTML 20Page - Analog Devices AD4693 Datasheet HTML 21Page - Analog Devices AD4693 Datasheet HTML 22Page - Analog Devices AD4693 Datasheet HTML 23Page - Analog Devices AD4693 Datasheet HTML 24Page - Analog Devices AD4693 Datasheet HTML 25Page - Analog Devices AD4693 Datasheet HTML 26Page - Analog Devices AD4693 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 77 page
background image
Data Sheet
AD4693/AD4694
THEORY OF OPERATION
analog.com
Rev. 0 | 23 of 77
TRANSFER FUNCTION
Figure 48 shows the ideal transfer function of the AD4693/AD4694
SAR ADC core. The ADC core encodes the sampled voltage as
a fraction of the full-scale range (FSR) into a 16-bit digital code.
The transfer function consists of 216 LSBs, where 1 LSB is the
smallest discrete voltage step that can be resolved by the ADC
and is equal to (VREF/216)V. The AD4693/AD4694 input range is
unipolar (0 to VREF), and its output codes are in straight binary
format ranging from 0 to 65,535. Table 12 shows the ideal transfer
function mapping from input voltage to output code for each LSB
using VREF = 5V as an example.
Figure 48. ADC Ideal Transfer Function (FSR Is Full-Scale Range)
Table 12. ADC Input Voltage to Output Code Mapping
Description
Input Voltage
Digital Output Code
FSR − 1 LSB
(65535/65536) × VREF 0xFFFF
...
...
...
Midscale + 1 LSB
(32769/65536) × VREF 0x8001
Midscale
(½) × VREF
0x8000
Midscale − 1 LSB
(32767/65536) × VREF 0x7FFF
...
...
...
−FSR + 1 LSB
(1/65536) × VREF
0x0001
−FSR
0 V
0x0000
EASY DRIVE FEATURES
Traditional multiplexed SAR ADCs typically exhibit aggressive
charge and voltage transients on their analog inputs that require the
addition of high-speed, low-noise, and power-hungry ADC driver
amplifiers per channel. The need for dedicated ADC drivers per
channel drastically increases the system size and power dissipa-
tion, compromising the goal for small and power-efficient multichan-
nel precision measurements. The AD4693/AD4694 are equipped
with several Easy Drive features which ease the signal chain design
challenges associated with multiplexed SAR ADCs and enable
power- and space-efficient multichannel precision measurement
solutions.
The AD4693/AD4694 include analog input precharge buffers that
dramatically reduce the input transients typical of multiplexed SAR
ADCs. The smaller transients allow the AD4693/AD4694 to tolerate
higher impedance signal sources without compromised sampling
accuracy, thereby enabling direct interfacing with precision-focused
amplifiers without high-speed ADC drivers. The reduced transient
also allows for lower capacitance and higher resistance in the RC
input filters, reducing instability concerns and power dissipation for
the front-end amplifiers. See the Analog Input Precharge section for
more information.
The AD4693/AD4694 also include a precharge buffer on the REF
input to reduce transients on the VREF signal. The reference input
precharge buffer reduces the voltage reference transient response
requirements for directly driving the ADC REF input without a dedi-
cated reference buffer. The reduced average REF current reduces
also allows the ADC to tolerate larger series resistance between
the reference source and the REF input without compromising
accuracy.
The WLCSP package option for AD4693/AD4694 features a true
buffered reference input (REFIN). The internal reference buffer
is useful in applications using unbuffered, low power reference
sources, for references that require external noise filtering, or where
multiple devices share a common reference source. See the Inter-
nal Reference Buffer section for more information.
The AD4693/AD4694 include overvoltage protection clamps on
IN0 to IN7 and COM to reduce the risk of device damage from
sustained DC overvoltage events. These clamps eliminate the need
for external clamping diodes in systems where the input driving
circuitry positive supply rail is greater than VREF. See the Input
Overvoltage Protection Clamps section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com