Electronic Components Datasheet Search
  English  ▼

X  

AD4693 Datasheet(PDF) 20 Page - Analog Devices

Part # AD4693
Description  8-Channel, Easy Drive Multiplexed SAR ADC with Averaging Filters Per Channel
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4693 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD4693 Datasheet HTML 16Page - Analog Devices AD4693 Datasheet HTML 17Page - Analog Devices AD4693 Datasheet HTML 18Page - Analog Devices AD4693 Datasheet HTML 19Page - Analog Devices AD4693 Datasheet HTML 20Page - Analog Devices AD4693 Datasheet HTML 21Page - Analog Devices AD4693 Datasheet HTML 22Page - Analog Devices AD4693 Datasheet HTML 23Page - Analog Devices AD4693 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 77 page
background image
Data Sheet
AD4693/AD4694
TERMINOLOGY
analog.com
Rev. 0 | 20 of 77
Integral Nonlinearity Error (INL)
INL is the deviation of each individual code from a line drawn
through the two endpoints of the ADC transfer function. The two
endpoints of the transfer function are ½ LSB before the first code
transition and 1½ LSB beyond the last code transition. The devia-
tion is measured from the middle of each code to the true straight
line.
Differential Nonlinearity Error (DNL)
In an ideal ADC, code transitions are 1 LSB apart. DNL is the
maximum deviation from this ideal value. DNL is often specified in
terms of resolution for which no missing codes are guaranteed.
Offset Error
The offset error is the deviation of the measured transition between
−FSR and −FSR + 1 from the ideal transition. The ideal transition
between −FSR and −FSR + 1 occurs at an analog input level
½ LSB above 0V (see the Transfer Function section).
Offset error drift is the typical change in offset error vs. temperature,
expressed in μV/°C. Offset error match is the largest difference in
offset error between any two input channels for a given device.
Gain Error
Gain error is the deviation of the slope of the measured transfer
function and the ideal transfer function. The ideal slope is VREF/216.
Gain error drift is the typical change in gain error vs. temperature,
expressed in ppm/°C. Gain error match is the largest difference in
gain error between any two input channels for a given device.
Full-Scale Error
The full-scale error is the deviation of the measured transition
between +FSR – 1 and +FSR from the ideal transition, measured
in LSBs. The ideal transition between +FSR − 1 and +FSR occurs
for an analog input level 1½ LSB below the nominal full scale (see
the Transfer Function section). Full-scale error is combination of the
offset and gain errors for each device.
Full-scale error drift is the typical change in full-scale error vs.
temperature, expressed in ppm/°C.
Dynamic Range
Dynamic range is the ratio of the RMS value of the full scale to
the total RMS noise measured with the inputs shorted together. The
value for dynamic range is expressed in dB and is measured with a
signal at −60dBFS to include all noise sources and DNL artifacts.
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the RMS value of the actual input signal to
the RMS sum of all other spectral components below the Nyquist
frequency, excluding harmonics and DC. The value for SNR is
expressed in dB.
Total Harmonic Distortion (THD)
THD is the ratio of the RMS sum of harmonics to the fundamental
and is defined as
THDdB =20log V22+V32+V42+V52+V62
V1
(1)
where:
V1 is the RMS amplitude of the fundamental.
V2, V3, V4, V5, and V6 are the RMS amplitudes of the second
through the sixth harmonic.
Signal-to-Noise-and-Distortion Ratio (SINAD)
SINAD is the ratio of the RMS voltage of a full-scale sine wave to
the RMS sum of all other spectral components that are less than
the Nyquist frequency, including harmonics but excluding DC. The
value of SINAD is expressed in decibels.
Effective Number of Bits (ENOB)
ENOB is a measurement of the resolution with a sine wave input
and is related to SINAD by the following formula:
ENOB = (SINAD − 1.76)/6.02
ENOB is expressed in bits.
Spurious-Free Dynamic Range (SFDR)
SFDR is the difference, in decibels (dB), between the RMS ampli-
tude of the input signal and the peak spurious signal.
Channel-to-Channel Crosstalk
Channel-to-channel crosstalk is a measure of the level of crosstalk
from a signal on an inactive channel to an active channel. Channel-
to-channel crosstalk is measured by applying a full-scale interferer
sine wave on one or more channels and a DC mid-scale signal on
the active channel. The channel-to-channel crosstalk is the ratio of
the amplitude of the interferer sine wave and the amplitude of the
spectrum of the active channel at the same frequency.
Channel-to-Channel Memory
Channel-to-channel memory is a measure of the level of crosstalk
that occurs when switching between channels in a channel se-
quence. It is measured by applying a full-scale interferer sine wave
to one analog input channel and a DC voltage on another analog
input channel, and repeatedly alternating sampling between the
two channels on each conversion. The channel-to-channel memory
is the ratio of the amplitude of the interferer sine wave and the
amplitude of the spectrum of the DC-driven channel at the same
frequency.
Aperture Delay
Aperture delay is the measure of the acquisition performance.
Aperture delay is the time between the rising edge of the CNV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com