Electronic Components Datasheet Search
  English  ▼

X  

AD4693 Datasheet(PDF) 49 Page - Analog Devices

Part # AD4693
Description  8-Channel, Easy Drive Multiplexed SAR ADC with Averaging Filters Per Channel
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4693 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD4693 Datasheet HTML 45Page - Analog Devices AD4693 Datasheet HTML 46Page - Analog Devices AD4693 Datasheet HTML 47Page - Analog Devices AD4693 Datasheet HTML 48Page - Analog Devices AD4693 Datasheet HTML 49Page - Analog Devices AD4693 Datasheet HTML 50Page - Analog Devices AD4693 Datasheet HTML 51Page - Analog Devices AD4693 Datasheet HTML 52Page - Analog Devices AD4693 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 77 page
background image
Data Sheet
AD4693/AD4694
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 49 of 77
PRIORITY SEQUENCE SCHEME
The priority sequence scheme is a method for programming the
advanced sequencer to achieve a set of high priority channels
(higher sampling rates and higher averaging ratios) and low priority
channels (lower sampling rates and lower averaging ratios). The
following describes how to implement a priority sequencing scheme
using the AD4693/AD4694 advanced sequencer mode.
Figure 87 shows a generalized channel sequence with two priority
levels. Channels are grouped into high priority (HP) and low priority
(LP) channels. The LP channels are sampled once per sequence,
while the HP channels are sampled multiple times per sequence.
Alternatively, the channel sequence can be thought of as a group-
ing of subsequences, where all of the HP channels are sampled
once per subsequence, but only one LP channel is sampled per
subsequence.
Figure 87. Sequence of HP and LP Channels in Two-Priority Channel
Sequence
The number of LP and HP channels dictate the length of the entire
channel sequence and their effective sample rates. The number
of advanced sequencer slots needed to implement the two priority
sequence scheme (NSLOTS) is defined by the following equation:
NSLOTS=NLP× NHP + 1
(6)
where:
NLP is the number of LP channels.
NHP is the number of HP channels.
The maximum value of NSLOTS needed to implement a two priority
sequence scheme is when NLP = NHP = 8 channels, where NSLOTS
= 72 slots.
Because the LP channels are only sampled once per NSLOTS
channels, their effective sampling frequency (fS_LP) is as follows:
fS_LP= fSNSLOTS
(7)
Because the HP channels are sampled once for each LP channel,
their effective sampling frequency (fH_LP) is as follows:
fS_HP=fS× NLPNSLOTS
(8)
Table 23 and Figure 88 show an example two-priority sequence
with IN0, IN1, and IN2 as HP channels and IN3 and IN4 as LP
channels. NSLOTS is 8 in this example, so the NUM_SLOTS_AS
bit field is set to 0x7. The sequence slot channel assignments are
set via the AS_SLOTx registers, as described in the Advanced
Sequencer Mode section. In this example, configuring the HP
channels accumulator depths to twice the LP channels accumulator
depths ensures all channels have the same output data rate. Figure
88 shows an example where the HP channels depth is 4 and the LP
channels depth is 2, and each channel therefore has an output data
rate of fS/16.
Table 23. Two-Priority Example with Sampling Rates and Output Data Rates
Slot Number
Slot Channel
Channel Effective Sampling
Rate
Accumulator Depth (i.e.
Averaging Ratio)
Output Data Rate
0
IN0
fS/4
4
fS/16
1
IN1
fS/4
4
fS/16
2
IN2
fS/4
4
fS/16
3
IN3
fS/8
2
fS/16
4
IN0
fS/4
4
fS/16
5
IN1
fS/4
4
fS/16
6
IN2
fS/4
4
fS/16
7
IN4
fS/8
2
fS/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com