Electronic Components Datasheet Search
  English  ▼

X  

AD4693 Datasheet(PDF) 29 Page - Analog Devices

Part # AD4693
Description  8-Channel, Easy Drive Multiplexed SAR ADC with Averaging Filters Per Channel
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4693 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD4693 Datasheet HTML 25Page - Analog Devices AD4693 Datasheet HTML 26Page - Analog Devices AD4693 Datasheet HTML 27Page - Analog Devices AD4693 Datasheet HTML 28Page - Analog Devices AD4693 Datasheet HTML 29Page - Analog Devices AD4693 Datasheet HTML 30Page - Analog Devices AD4693 Datasheet HTML 31Page - Analog Devices AD4693 Datasheet HTML 32Page - Analog Devices AD4693 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 77 page
background image
Data Sheet
AD4693/AD4694
THEORY OF OPERATION
analog.com
Rev. 0 | 29 of 77
Standard Sequencer Mode
Standard sequencer mode is the simpler of the two sequencer
modes and is recommended when every channel needs the same
output data rate and when arbitrary channel orders are not re-
quired.
In standard sequencer mode, the channel sequencer scans through
a preprogrammed set of enabled channels in ascending order.
Each channel is enabled or disabled through their corresponding
INx_EN bits in the STD_SEQ_CONFIG register. The sequencer
scans through each enabled channel in ascending order and skips
each disabled channel. Each enabled channel is therefore sampled
once per sequence iteration. Figure 56 and Figure 57 show exam-
ples where the standard sequencer and four analog inputs (IN0,
IN2, IN5, and IN7) are enabled in the sequence.
Standard sequencer mode is selected by setting the SEQ_MODE
bit to 1 in the SEQ_CTRL register. The INx_EN bits in the
STD_SEQ_CONFIG register configure each INx channel as ena-
bled (INx_EN = 1) or disabled (INx_EN = 0). The STD_SEQ_CON-
FIG register is a 16-bit wide register and must be written to in its
entirety in one SPI frame (see the Register Length section). By
default, the channel sequencer is in standard sequencer mode with
IN0 enabled and all other channels disabled.
A state reset is required to update the internal state of the channel
sequencer after updating the SEQ_MODE bit or the INx_EN bits
(see the State Reset section). In standard sequencer mode, the
multiplexer channel is set to the lowest-numbered enabled channel
in the sequence following a state reset.
Figure 56. Standard Sequencer Simplified Diagram
Figure 57. Standard Sequencer Example Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com