Electronic Components Datasheet Search
  English  ▼

X  

SL811ST Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # SL811ST
Description  SL811S/T USB Dual Speed Slave Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811ST Datasheet(HTML) 5 Page - Cypress Semiconductor

  SL811ST Datasheet HTML 1Page - Cypress Semiconductor SL811ST Datasheet HTML 2Page - Cypress Semiconductor SL811ST Datasheet HTML 3Page - Cypress Semiconductor SL811ST Datasheet HTML 4Page - Cypress Semiconductor SL811ST Datasheet HTML 5Page - Cypress Semiconductor SL811ST Datasheet HTML 6Page - Cypress Semiconductor SL811ST Datasheet HTML 7Page - Cypress Semiconductor SL811ST Datasheet HTML 8Page - Cypress Semiconductor SL811ST Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
SL811S/T
Document #: 38-08009 Rev. **
Page 5 of 27
1.0
Conventions
1,2,3,4
Numbers without annotations are decimals
Dh, 1Fh, 39h
Hexadecimal numbers are followed by an “h”
0101b, 010101b
Binary numbers are followed by a “b”
bRequest, n
Words in italics indicate terms defined by USB Specification or by this specification
2.0
Definitions
USB
Universal Serial Bus
SL811S/T
SL811S/T is a Cypress USB Controller, providing multiple functions on a single chip. The SL811S/T is
available in both a 28-pin PLCC package, and a 48-pin LPQFP package (SL811ST)
SL811S/T
SL811S/T refers to both the SL811S and SL811ST.
Note: This chip does not include a CPU.
3.0
References
[Ref 1] USB Specification 1.1: http://www.usb.org
4.0
Introduction
4.1
Overview
The SL811S/T USB Slave Controller is a single chip USB peripheral device that interfaces to microprocessors. The SL811S/T
USB Controller incorporates USB Serial Interface functionality along with internal drivers and receivers that connect directly to
the USB interface connector. The SL811S/T supports and operates in USB full speed mode, at 12 Mbits per second and in USB
Slow speed mode at 1.5 Mbits per second.
The local host interface provides an 8-bit data path, with interrupt and DMA support to allow an easy interface to standard
microprocessors or microcontrollers. Internally, the SL811S/T contains a 256-byte RAM data buffer. The RAM contains both
control registers and data buffers. SL811S/T comes in two packages - 28-pin PLCC (SL811S) and 48-pin LPQFP (SL811T). Both
products require a 3.3 VDC power supply.
The SL811S/T can interface to any microprocessor, microcontroller, or DSP. It can also interface directly to a variety of buses
including ISA, PCMCIA and others through its 8-bit bidirectional Data port and through the following control signals - CS, WR,
RD, INTR, and A0. Both INTEL and MOTOROLA buses, and others like them, are supported.
The SL811S/T USB Slave Controller is designed to conform to USB specification 1.1 for full-speed, and low speed operation.
The USB specification should be referred to as a reference when designing with the SL811S/T.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com