Electronic Components Datasheet Search
  English  ▼

X  

SL811ST Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # SL811ST
Description  SL811S/T USB Dual Speed Slave Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811ST Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button SL811ST Datasheet HTML 12Page - Cypress Semiconductor SL811ST Datasheet HTML 13Page - Cypress Semiconductor SL811ST Datasheet HTML 14Page - Cypress Semiconductor SL811ST Datasheet HTML 15Page - Cypress Semiconductor SL811ST Datasheet HTML 16Page - Cypress Semiconductor SL811ST Datasheet HTML 17Page - Cypress Semiconductor SL811ST Datasheet HTML 18Page - Cypress Semiconductor SL811ST Datasheet HTML 19Page - Cypress Semiconductor SL811ST Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
SL811S/T
Document #: 38-08009 Rev. **
Page 16 of 27
Notes:
1.
The A0 Address bit is used to access the address register or data registers in I/O Mapped or Memory Mapped applications.
2.
VDD2 can be derived from a +5 VDC supply with a few additional components. The diagram below illustrates a simple method that provides 3.3V/22 mA. Another
option is to use a Torex Semiconductor 3.3V SMD regulator P/N XC62HR3302MR.
3.
X1/X2 Clock requires external 12-/48-MHz matching crystal or clock source.
Pin No.
Pin Type
Pin Name
Pin Description
1IN
A0
A0 = ’0’. Selects Address Pointer. Reg. Write Only.[1] A0 = ’1’. Selects Data Buffer
or Register. R/W. In Multiplexed address applications; A0 should be tied to VDD1.
2
IN
nDACK
DMA Acknowledge. An active low input used to interface to an external DMA
controller.
3
OUT
nDRQ
DMA Request. An active low output used with an external DMA controller. nDRQ
and nDACK form the handshake for DMA data transfers.
4
IN
NRD
Read Strobe Input. An active low input used with nCS to read registers/data
memory.
5
IN
NWR
Write Strobe Input. An active low input used with nCS to write to registers/data
memory.
6
IN
NCS
Active low SL811S Chip select. Used with nRD and nWD when accessing
SL811S.
7
IN
CM
Clock Mode. Enables DPLL 4x Multiplier for use with 12-MHz Clock.
8
VDD2
3.3 VDC
Power for USB Transceivers. Can be connected to Vdd1.
9
BIDIR
DATA +
USB Differential Data Signal High Side.
10
BIDIR
DATA -
USB Differential Data Signal Low Side.
11
GND
USB GND
Ground Connection for USB.
12
VDD1
3.3 VDC
SL811S Device VDD Power.
13
IN
CLK/X1
12/48 MHz Clock or External Crystal X1 connection.
14
OUT
X2
External Crystal X2 connection.
15
IN
NRST
SL811S Device active low reset input.
16
OUT
INTR
Active high Interrupt Request output to external controller.
17
GND
GND
SL811S Device Ground
18
BIDIR
D0
Data 0. Microprocessor Data/(Address) Bus.
19
BIDIR
D1
Data 1. Microprocessor Data/(Address) Bus.
20
BIDIR
D2
Data 2. Microprocessor Data/(Address) Bus.
21
BIDIR
D3
Data 3. Microprocessor Data/(Address) Bus.
22
GND
GND
SL811S Device Ground.
23
BIDIR
D4
Data 4. Microprocessor Data/(Address) Bus.
24
BIDIR
D5
Data 5. Microprocessor Data/(Address) Bus.
25
BIDIR
D6
Data 6. Microprocessor Data/(Address) Bus.
26
BIDIR
D7
Data 7. Microprocessor Data/(Address) Bus.
27
NC
NC
No Connect.
28
VDD1
3.3 VDC
SL811S Device VDD Power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com