Electronic Components Datasheet Search
  English  ▼

X  

SL811ST Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # SL811ST
Description  SL811S/T USB Dual Speed Slave Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811ST Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button SL811ST Datasheet HTML 19Page - Cypress Semiconductor SL811ST Datasheet HTML 20Page - Cypress Semiconductor SL811ST Datasheet HTML 21Page - Cypress Semiconductor SL811ST Datasheet HTML 22Page - Cypress Semiconductor SL811ST Datasheet HTML 23Page - Cypress Semiconductor SL811ST Datasheet HTML 24Page - Cypress Semiconductor SL811ST Datasheet HTML 25Page - Cypress Semiconductor SL811ST Datasheet HTML 26Page - Cypress Semiconductor SL811ST Datasheet HTML 27Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
SL811S/T
Document #: 38-08009 Rev. **
Page 23 of 27
7.5.2
I/O Read Cycle
Note:
11. nCS can be held low for multiple Read cycles providing the nRD line is cycled. I/O Write Cycle Time in Auto Inc Mode is 150 ns minimum.
Parameter
Description
Min.
Typical
Max.
twr
Write pulse width
65 ns
trd
Read pulse width
65 ns
twcsu
Chip select set-up to nWR
0 ns
twasu
A0 address set-up time
65 ns
twahld
A0 address hold time
10 ns
twdsu
Data to write high set-up time
10 ns
twdhld
Data hold time after write high
5 ns
tracc
Data valid after read low
20 ns
25 ns
trdhld
Data hold after read high
5 ns
trcsu
Chip select low to read low
0 ns
trshld
Chip select hold after read high
0 ns
Tcscs[11]
nCS inactive to nCS asserted[11]
85 ns
nRD
A0
D0-D7
DATA
twr
twahld
twdhld
twasu
twdsu
trdhld
I/O Read Cycle from Register or Memory Buffer
Register or Memory
Address
trdp
nWR
trshld
trcsu
nCS
tracc
Tcscs *Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com