Electronic Components Datasheet Search
  English  ▼

X  

SL811ST Datasheet(PDF) 18 Page - Cypress Semiconductor

Part # SL811ST
Description  SL811S/T USB Dual Speed Slave Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811ST Datasheet(HTML) 18 Page - Cypress Semiconductor

Back Button SL811ST Datasheet HTML 14Page - Cypress Semiconductor SL811ST Datasheet HTML 15Page - Cypress Semiconductor SL811ST Datasheet HTML 16Page - Cypress Semiconductor SL811ST Datasheet HTML 17Page - Cypress Semiconductor SL811ST Datasheet HTML 18Page - Cypress Semiconductor SL811ST Datasheet HTML 19Page - Cypress Semiconductor SL811ST Datasheet HTML 20Page - Cypress Semiconductor SL811ST Datasheet HTML 21Page - Cypress Semiconductor SL811ST Datasheet HTML 22Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
SL811S/T
Document #: 38-08009 Rev. **
Page 18 of 27
6.5
SL811ST 48-Pin LPQFP Mechanical Dimensions
6.6
SL811ST USB Controller, Pin Descriptions
The SL811ST is packaged in a 48-Pin LPQFP. The device requires 3.3VDC or +5VDC (VDD1) and a +3.3 VDC (VDD2) power
supply. Average typical current consumption is less than 22 mA for 3.3 V. The SL811ST requires an external 48-MHz Crystal or
Clock.
Pin No.
Pin Type
Pin Name
Pin Description
1NC
NC
NC
2NC
NC
NC
3
IN
nWR
Write Strobe Input. An active low input used with nCS to write to registers/data
memory.
4
IN
nCS
Active low SL811ST Chip select. Used with nRD and nWR when accessing
SL811ST.
5
IN
CM
Clock Mode. Enables DPLL 4x Multiplier when ‘1’. For use with 12-MHz Clock.
Tie to gnd for 48-MHz.
6
VDD2
3.3 VDC
Power for USB Transceivers. VDD2 may be derived from VDD1. Note 4???
7
BIDIR
DATA+
USB Differential Data Signal High Side.
8
BIDIR
DATA–
USB Differential Data Signal Low Side.
9
GND
USB GND
Ground Connection for USB.
10
NC
NC
NC
11
NC
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com