Electronic Components Datasheet Search
  English  ▼

X  

SL811ST Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # SL811ST
Description  SL811S/T USB Dual Speed Slave Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811ST Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button SL811ST Datasheet HTML 4Page - Cypress Semiconductor SL811ST Datasheet HTML 5Page - Cypress Semiconductor SL811ST Datasheet HTML 6Page - Cypress Semiconductor SL811ST Datasheet HTML 7Page - Cypress Semiconductor SL811ST Datasheet HTML 8Page - Cypress Semiconductor SL811ST Datasheet HTML 9Page - Cypress Semiconductor SL811ST Datasheet HTML 10Page - Cypress Semiconductor SL811ST Datasheet HTML 11Page - Cypress Semiconductor SL811ST Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
SL811S/T
Document #: 38-08009 Rev. **
Page 8 of 27
Figure 4-1. 48-MHz Crystal Circuit
Rf
1M
X1
Rs
100
X2
X1
48 MHz, series, 20-pF load
Cout
22 pF
Lin
2.2 - 3.3
µH
Cbk
0.01
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com