Electronic Components Datasheet Search
  English  ▼

X  

SL811ST Datasheet(PDF) 25 Page - Cypress Semiconductor

Part # SL811ST
Description  SL811S/T USB Dual Speed Slave Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811ST Datasheet(HTML) 25 Page - Cypress Semiconductor

Back Button SL811ST Datasheet HTML 19Page - Cypress Semiconductor SL811ST Datasheet HTML 20Page - Cypress Semiconductor SL811ST Datasheet HTML 21Page - Cypress Semiconductor SL811ST Datasheet HTML 22Page - Cypress Semiconductor SL811ST Datasheet HTML 23Page - Cypress Semiconductor SL811ST Datasheet HTML 24Page - Cypress Semiconductor SL811ST Datasheet HTML 25Page - Cypress Semiconductor SL811ST Datasheet HTML 26Page - Cypress Semiconductor SL811ST Datasheet HTML 27Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
SL811S/T
Document #: 38-08009 Rev. **
Page 25 of 27
7.5.4
SL811S DMA Read Cycle
Note:
12. Data is held until nDACK goes high regardless of state of nREAD.
Parameter
Description
Min.
Typ.
Max.
tdack
nDACK low
100 ns
tddrdlo
nDACK to nRD low delay
0 ns
tdckdr
nDACK low to nDRQ high delay
5 ns
tdrdp
nRD pulse width
90 ns
tdhld[12]
Date hold after nDACK high
5 ns
tddaccs
Data access from nDACK low
85 ns
tdrdack
nRD high to nDACK high
0 ns
tdakrq
nDRQ low after nDACK high
5 ns
trdcycle
DMA Read Cycle Time
150 ns
n DRQ
n D A CK
D0 -D 7
DA T A
n RD
S L 8 11 DM A RE AD CY C L E T IM ING
tdrd p
td accs
td ack
tdhld
tdd rdlo
tdckdr
tda krq



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com