Electronic Components Datasheet Search
  English  ▼

X  

SL811ST Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # SL811ST
Description  SL811S/T USB Dual Speed Slave Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811ST Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button SL811ST Datasheet HTML 16Page - Cypress Semiconductor SL811ST Datasheet HTML 17Page - Cypress Semiconductor SL811ST Datasheet HTML 18Page - Cypress Semiconductor SL811ST Datasheet HTML 19Page - Cypress Semiconductor SL811ST Datasheet HTML 20Page - Cypress Semiconductor SL811ST Datasheet HTML 21Page - Cypress Semiconductor SL811ST Datasheet HTML 22Page - Cypress Semiconductor SL811ST Datasheet HTML 23Page - Cypress Semiconductor SL811ST Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
SL811S/T
Document #: 38-08009 Rev. **
Page 20 of 27
7.0
Electrical Specifications
7.1
Absolute Maximum Ratings
This section lists the absolute maximum ratings of the SL811S. Stresses above those listed can cause permanent damage to the
device. Exposure to maximum rated conditions for extended periods can affect device operation and reliability.
7.1.1
Recommended Operating Condition
7.1.2
Crystal Requirement
Note:
4.
The SL811 can also use a 12-MHz Crystal Oscillator or 12-MHz Clock Source.
7.2
External Clock Input Characteristics (48 MHz) (X1)
Storage Temperature
–40 to 125
°C
Voltage on any pin with respect to ground
–0.3 V 6.0 V
Power Supply Voltage (VDD)
3.3 V ±10%
Power Supply Voltage (USBVDD)
3.3 V ±10%
Lead Temperature (10 seconds)
180°C
Parameter
Min.
Typical
Max.
Power Supply Voltage, VDD
3.0V
3.3V
3.6V
Power Supply Voltage, USBVDD
3.0V
3.6V
Operating Temperature
0°C65°C
Crystal Requirements,
(X1, X2)
Min.
Typical
Max.
Operating Temperature Range
0°C65°C
Series Resonant Frequency[4]
48 MHz
Frequency Drift over Temperature
±100 ppm
Accuracy of Adjustment
±100 ppm
Series Resistance
100 ohms
Shunt Capacitance
3 pF
6 pF
Load Capacitance
20 pF
Drive Level
20
µW5 mW
Mode of Vibration 3rd overtone
Parameter
Min.
Typical
Max.
Clock Input Voltage @ X1
(X2 Open)
1.5V
Clock Frequency
48 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com