Electronic Components Datasheet Search
  English  ▼

X  

AM62A7 Datasheet(PDF) 17 Page - Texas Instruments

Part # AM62A7
Description  AM62Ax Sitara™ Processors
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM62A7 Datasheet(HTML) 17 Page - Texas Instruments

Back Button AM62A7 Datasheet HTML 13Page - Texas Instruments AM62A7 Datasheet HTML 14Page - Texas Instruments AM62A7 Datasheet HTML 15Page - Texas Instruments AM62A7 Datasheet HTML 16Page - Texas Instruments AM62A7 Datasheet HTML 17Page - Texas Instruments AM62A7 Datasheet HTML 18Page - Texas Instruments AM62A7 Datasheet HTML 19Page - Texas Instruments AM62A7 Datasheet HTML 20Page - Texas Instruments AM62A7 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 247 page
background image
Table 5-1. Pin Attributes (AMB, ANF Packages) (continued)
AMB
BALL
NUMBER
[1]
ANF
BALL
NUMBER
[1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
(RX/TX/PULL) [7]
BALL
STATE
AFTER
RESET
(RX/TX/PULL) [8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE
[10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
R5
R5
DDR0_DQ19
DDR0_DQ19
IO
1.1V
VDDS_DDR,
VDDS_DDR_C
DDR
P2
P2
DDR0_DQ20
DDR0_DQ20
IO
1.1V
VDDS_DDR,
VDDS_DDR_C
DDR
R3
R3
DDR0_DQ21
DDR0_DQ21
IO
1.1V
VDDS_DDR,
VDDS_DDR_C
DDR
T2
T2
DDR0_DQ22
DDR0_DQ22
IO
1.1V
VDDS_DDR,
VDDS_DDR_C
DDR
U3
U3
DDR0_DQ23
DDR0_DQ23
IO
1.1V
VDDS_DDR,
VDDS_DDR_C
DDR
Y2
Y2
DDR0_DQ24
DDR0_DQ24
IO
1.1V
VDDS_DDR,
VDDS_DDR_C
DDR
V2
V2
DDR0_DQ25
DDR0_DQ25
IO
1.1V
VDDS_DDR,
VDDS_DDR_C
DDR
V4
V4
DDR0_DQ26
DDR0_DQ26
IO
1.1V
VDDS_DDR,
VDDS_DDR_C
DDR
W5
W5
DDR0_DQ27
DDR0_DQ27
IO
1.1V
VDDS_DDR,
VDDS_DDR_C
DDR
Y4
Y4
DDR0_DQ28
DDR0_DQ28
IO
1.1V
VDDS_DDR,
VDDS_DDR_C
DDR
AA3
AA3
DDR0_DQ29
DDR0_DQ29
IO
1.1V
VDDS_DDR,
VDDS_DDR_C
DDR
AA5
AA5
DDR0_DQ30
DDR0_DQ30
IO
1.1V
VDDS_DDR,
VDDS_DDR_C
DDR
AB4
AB4
DDR0_DQ31
DDR0_DQ31
IO
1.1V
VDDS_DDR,
VDDS_DDR_C
DDR
D1
D1
DDR0_DQS0
DDR0_DQS0
IO
1.1V
VDDS_DDR,
VDDS_DDR_C
DDR
C1
C1
DDR0_DQS0_n
DDR0_DQS0_n
IO
1.1V
VDDS_DDR,
VDDS_DDR_C
DDR
G1
G1
DDR0_DQS1
DDR0_DQS1
IO
1.1V
VDDS_DDR,
VDDS_DDR_C
DDR
F1
F1
DDR0_DQS1_n
DDR0_DQS1_n
IO
1.1V
VDDS_DDR,
VDDS_DDR_C
DDR
R1
R1
DDR0_DQS2
DDR0_DQS2
IO
1.1V
VDDS_DDR,
VDDS_DDR_C
DDR
P1
P1
DDR0_DQS2_n
DDR0_DQS2_n
IO
1.1V
VDDS_DDR,
VDDS_DDR_C
DDR
W1
W1
DDR0_DQS3
DDR0_DQS3
IO
1.1V
VDDS_DDR,
VDDS_DDR_C
DDR
Y1
Y1
DDR0_DQS3_n
DDR0_DQS3_n
IO
1.1V
VDDS_DDR,
VDDS_DDR_C
DDR
H5
H5
DDR0_ODT0
DDR0_ODT0
O
1.1V
VDDS_DDR,
VDDS_DDR_C
DDR
www.ti.com
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1-Q1
SPRSP77D – MARCH 2023 – REVISED JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 AM62A1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com