Electronic Components Datasheet Search
  English  ▼

X  

AM62A7 Datasheet(PDF) 40 Page - Texas Instruments

Part # AM62A7
Description  AM62Ax Sitara™ Processors
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM62A7 Datasheet(HTML) 40 Page - Texas Instruments

Back Button AM62A7 Datasheet HTML 36Page - Texas Instruments AM62A7 Datasheet HTML 37Page - Texas Instruments AM62A7 Datasheet HTML 38Page - Texas Instruments AM62A7 Datasheet HTML 39Page - Texas Instruments AM62A7 Datasheet HTML 40Page - Texas Instruments AM62A7 Datasheet HTML 41Page - Texas Instruments AM62A7 Datasheet HTML 42Page - Texas Instruments AM62A7 Datasheet HTML 43Page - Texas Instruments AM62A7 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 247 page
background image
Table 5-1. Pin Attributes (AMB, ANF Packages) (continued)
AMB
BALL
NUMBER
[1]
ANF
BALL
NUMBER
[1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
(RX/TX/PULL) [7]
BALL
STATE
AFTER
RESET
(RX/TX/PULL) [8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE
[10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
N9
N9
VDDA_PLL0
VDDA_PLL0
PWR
R11
R11
VDDA_PLL1
VDDA_PLL1
PWR
M13
M13
VDDA_PLL2
VDDA_PLL2
PWR
K13
K13
VDDA_PLL3
VDDA_PLL3
PWR
K10
K10
VDDA_PLL4
VDDA_PLL4
PWR
P16
P16
VDDA_TEMP0
VDDA_TEMP0
PWR
G18
G18
VDDA_TEMP1
VDDA_TEMP1
PWR
L10
L10
VDDA_TEMP2
VDDA_TEMP2
PWR
J14, K12,
M10, M14,
P12, P9
J14, K12,
M10, M14,
P12, P9
VDDR_CORE
VDDR_CORE
PWR
G14, H13
G14, H13 VDDSHV0
VDDSHV0
PWR
K15, L16
K15, L16
VDDSHV1
VDDSHV1
PWR
R13, T13,
U13
R13, T13,
U13
VDDSHV2
VDDSHV2
PWR
L15, M15,
N15
L15, M15,
N15
VDDSHV3
VDDSHV3
PWR
T8, U8
T8, U8
VDDSHV4
VDDSHV4
PWR
G16, H15
G16, H15 VDDSHV5
VDDSHV5
PWR
H16, H17
H16, H17 VDDSHV6
VDDSHV6
PWR
H8
H8
VDDSHV_CANUART
VDDSHV_CANUART
PWR
G11, H10
G11, H10 VDDSHV_MCU
VDDSHV_MCU
PWR
A2, AA1,
AB2, B1,
J7, K8, L7,
M8, N7,
P8
A2, AA1,
AB2, B1,
J7, K8, L7,
M8, N7,
P8
VDDS_DDR
VDDS_DDR
PWR
L8
L8
VDDS_DDR_C
VDDS_DDR_C
PWR
J8
J8
VDDS_OSC0
VDDS_OSC0
PWR
H9
H9
VDD_CANUART
VDD_CANUART
PWR
J11, J13,
J15, J9,
K14, L11,
L13, L9,
M12, N11,
N13, P10,
P14, R15,
R9, T16,
U15
J11, J13,
J15, J9,
K14, L11,
L13, L9,
M12, N11,
N13, P10,
P14, R15,
R9, T16,
U15
VDD_CORE
VDD_CORE
PWR
F12
F12
VMON_1P8_SOC
VMON_1P8_SOC
A
F9
F9
VMON_3P3_SOC
VMON_3P3_SOC
A
H12
H12
VMON_VSYS
VMON_VSYS
A
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1-Q1
SPRSP77D – MARCH 2023 – REVISED JUNE 2025
www.ti.com
40
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 AM62A1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com