Electronic Components Datasheet Search
  English  ▼

X  

AM62A7 Datasheet(PDF) 49 Page - Texas Instruments

Part # AM62A7
Description  AM62Ax Sitara™ Processors
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM62A7 Datasheet(HTML) 49 Page - Texas Instruments

Back Button AM62A7 Datasheet HTML 45Page - Texas Instruments AM62A7 Datasheet HTML 46Page - Texas Instruments AM62A7 Datasheet HTML 47Page - Texas Instruments AM62A7 Datasheet HTML 48Page - Texas Instruments AM62A7 Datasheet HTML 49Page - Texas Instruments AM62A7 Datasheet HTML 50Page - Texas Instruments AM62A7 Datasheet HTML 51Page - Texas Instruments AM62A7 Datasheet HTML 52Page - Texas Instruments AM62A7 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 247 page
background image
Table 5-8. DDRSS0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
DDR0_RAS_n (1)
O
DDR4 Row Address Strobe / LPDDR4 Chip
Select 0B
M6
M6
DDR0_WE_n
O
DDRSS Write Enable
N6
N6
DDR0_A0
O
DDRSS Address Bus
J5
J5
DDR0_A1
O
DDRSS Address Bus
J2
J2
DDR0_A2
O
DDRSS Address Bus
J4
J4
DDR0_A3
O
DDRSS Address Bus
L4
L4
DDR0_A4
O
DDRSS Address Bus
J1
J1
DDR0_A5
O
DDRSS Address Bus
K5
K5
DDR0_A6
O
DDRSS Address Bus
K3
K3
DDR0_A7
O
DDRSS Address Bus
H2
H2
DDR0_A8
O
DDRSS Address Bus
L6
L6
DDR0_A9
O
DDRSS Address Bus
L2
L2
DDR0_A10
O
DDRSS Address Bus
K2
K2
DDR0_A11
O
DDRSS Address Bus
L5
L5
DDR0_A12
O
DDRSS Address Bus
M3
M3
DDR0_A13
O
DDRSS Address Bus
M2
M2
DDR0_BA0
O
DDRSS Bank Address
K6
K6
DDR0_BA1
O
DDRSS Bank Address
H3
H3
DDR0_BG0
O
DDRSS Bank Group
P4
P4
DDR0_BG1
O
DDRSS Bank Group
R7
R7
DDR0_CAL0 (2)
A
IO Pad Calibration Resistor
H6
H6
DDR0_CK0
O
DDRSS Clock
M1
M1
DDR0_CK0_n
O
DDRSS Negative Clock
L1
L1
DDR0_CKE0
O
DDRSS Clock Enable
P3
P3
DDR0_CKE1
O
DDRSS Clock Enable
P5
P5
DDR0_CS0_n (1)
O
DDR4 Chip Select 0 / LPDDR4 Chip Select 0A
J6
J6
DDR0_CS1_n (1)
O
DDR4 Chip Select 1 / LPDDR4 Chip Select 1A
N4
N4
DDR0_DM0
IO
DDRSS Data Mask
C2
C2
DDR0_DM1
IO
DDRSS Data Mask
F3
F3
DDR0_DM2
IO
DDRSS Data Mask
U1
U1
DDR0_DM3
IO
DDRSS Data Mask
W3
W3
DDR0_DQ0
IO
DDRSS Data
A5
A5
DDR0_DQ1
IO
DDRSS Data
B4
B4
DDR0_DQ2
IO
DDRSS Data
B6
B6
DDR0_DQ3
IO
DDRSS Data
D5
D5
DDR0_DQ4
IO
DDRSS Data
C5
C5
DDR0_DQ5
IO
DDRSS Data
C3
C3
DDR0_DQ6
IO
DDRSS Data
B2
B2
DDR0_DQ7
IO
DDRSS Data
A3
A3
DDR0_DQ8
IO
DDRSS Data
E2
E2
DDR0_DQ9
IO
DDRSS Data
F5
F5
DDR0_DQ10
IO
DDRSS Data
E6
E6
DDR0_DQ11
IO
DDRSS Data
G2
G2
DDR0_DQ12
IO
DDRSS Data
G6
G6
www.ti.com
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1-Q1
SPRSP77D – MARCH 2023 – REVISED JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 AM62A1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com