Electronic Components Datasheet Search
  English  ▼

X  

AM62A7 Datasheet(PDF) 67 Page - Texas Instruments

Part # AM62A7
Description  AM62Ax Sitara™ Processors
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM62A7 Datasheet(HTML) 67 Page - Texas Instruments

Back Button AM62A7 Datasheet HTML 63Page - Texas Instruments AM62A7 Datasheet HTML 64Page - Texas Instruments AM62A7 Datasheet HTML 65Page - Texas Instruments AM62A7 Datasheet HTML 66Page - Texas Instruments AM62A7 Datasheet HTML 67Page - Texas Instruments AM62A7 Datasheet HTML 68Page - Texas Instruments AM62A7 Datasheet HTML 69Page - Texas Instruments AM62A7 Datasheet HTML 70Page - Texas Instruments AM62A7 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 247 page
background image
Table 5-48. Power Supply Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
VSS
PWR
Ground
A1, A10, A13,
A18, A22, A4,
A6, AA11,
AA14, AA2,
AA4, AA8,
AB1, AB12,
AB15, AB18,
AB22, AB3,
AB5, AB9, B3,
B5, B7, C4,
D11, D2, D20,
D4, E1, E3,
E5, F11, F13,
F16, F2, F4,
G12, G17, G3,
G5, G9, H1,
H11, H14,
H20, H4, J12,
J17, J3, K1,
K11, K4, K7,
K9, L12, L14,
L20, L3, M11,
M17, M4, M7,
N1, N10, N12,
N14, N16, N8,
P11, P13, P15,
P17, P20, P7,
R10, R12,
R14, R16, R2,
R4, R6, T1,
T15, T17, T3,
T5, T7, U12,
U14, U16, U2,
U4, U6, U9,
V1, V20, V3,
V5, V7, V9,
W11, W14,
W2, W4, W6,
W8, Y12, Y15,
Y3, Y5, Y9
A1, A10, A13,
A18, A22, A4,
A6, AA11,
AA14, AA2,
AA4, AA8,
AB1, AB12,
AB15, AB18,
AB22, AB3,
AB5, AB9, B3,
B5, B7, C4,
D11, D2, D20,
D4, E1, E3,
E5, F11, F13,
F16, F2, F4,
G12, G17, G3,
G5, G9, H1,
H11, H14,
H20, H4, J12,
J17, J3, K1,
K11, K4, K7,
K9, L12, L14,
L20, L3, M11,
M17, M4, M7,
N1, N10, N12,
N14, N16, N8,
P11, P13, P15,
P17, P20, P7,
R10, R12,
R14, R16, R2,
R4, R6, T1,
T15, T17, T3,
T5, T7, U12,
U14, U16, U2,
U4, U6, U9,
V1, V20, V3,
V5, V7, V9,
W11, W14,
W2, W4, W6,
W8, Y12, Y15,
Y3, Y5, Y9
(1)
This pin must always be connected via a 6.3V or greater, 0.8uF to 1.5μF capacitor to VSS if the respective VDDSHVx pin is ever
operated at 3.3V. The capacitor selected must provide a capacitance within the defined range after it has been derated for DC-bias,
operating temperature, and aging effects. There are three connection options if the respective VDDSHVx pin is only operated at 1.8V.
The pin can be connected to the same decoupling capacitor that is required for 3.3V operation, it can be left unconnected, or it can be
connected to the same 1.8V power source as the respective VDDSHVx pin.
5.3.20 Reserved
Table 5-49. Reserved Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
RSVD0
N/A
Reserved, must be left unconnected
C6
C6
RSVD1
N/A
Reserved, must be left unconnected
D6
D6
RSVD2
N/A
Reserved, must be left unconnected
E7
E7
RSVD3
N/A
Reserved, must be left unconnected
F6
F6
RSVD4
N/A
Reserved, must be left unconnected
F10
F10
RSVD5
N/A
Reserved, must be left unconnected
G7
G7
RSVD6
N/A
Reserved, must be left unconnected
U11
U11
RSVD7
N/A
Reserved, must be left unconnected
V11
V11
www.ti.com
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1-Q1
SPRSP77D – MARCH 2023 – REVISED JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
67
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 AM62A1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com