Electronic Components Datasheet Search
  English  ▼

X  

AM62A7 Datasheet(PDF) 1 Page - Texas Instruments

Part # AM62A7
Description  AM62Ax Sitara™ Processors
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM62A7 Datasheet(HTML) 1 Page - Texas Instruments

  AM62A7 Datasheet HTML 1Page - Texas Instruments AM62A7 Datasheet HTML 2Page - Texas Instruments AM62A7 Datasheet HTML 3Page - Texas Instruments AM62A7 Datasheet HTML 4Page - Texas Instruments AM62A7 Datasheet HTML 5Page - Texas Instruments AM62A7 Datasheet HTML 6Page - Texas Instruments AM62A7 Datasheet HTML 7Page - Texas Instruments AM62A7 Datasheet HTML 8Page - Texas Instruments AM62A7 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 247 page
background image
AM62Ax Sitara™ Processors
1 Features
Processor Cores:
•
Up to Quad 64-bit Arm® Cortex®-A53
microprocessor subsystem at up to 1.4GHz
– Quad-core Cortex-A53 cluster with 512KB L2
shared cache with SECDED ECC
– Each A53 core has 32KB L1 DCache with
SECDED ECC and 32KB L1 ICache with Parity
protection
• Single-core Arm® Cortex®-R5F at up to 800MHz,
integrated as part of MCU Channel with FFI
– 32KB ICache, 32KB L1 DCache, and 64KB
TCM with SECDED ECC on all memories
– 512KB SRAM with SECDED ECC
• Single-core Arm® Cortex®-R5F at up to 800MHz,
integrated to support Device Management
– 32KB ICache, 32KB L1 DCache, and 64KB
TCM with SECDED ECC on all memories
• Deep Learning Accelerator based on Single-core
C7x
– C7x floating point, up to 40 GFLOPS, 256-bit
Vector DSP at 1.0GHz
– Matrix Multiply Accelerator (MMA), up to
2TOPS (8b) at 1.0GHz
– 64KB L1 DCache with SECDED ECC and
32KB L1 ICache with Parity protection
– 1.25MB of L2 SRAM with SECDED ECC
• Vision Processing Accelerators (VPAC) with Image
Signal Processor (ISP) and multiple vision assist
accelerators:
– 315MPixel/s ISP; Up to 5MP @ 60fps
– Support for 12-bit RGB-IR
– Support for up to 16-bit input RAW format
– Line support up to 4096
– Wide Dynamic Range (WDR), Lens Distortion
Correction (LDC), Vision Imaging Subsystem
(VISS), and Multi-Scalar (MSC) support
• Output color format : 8-bits, 12-bits, and
YUV 4:2:2, YUV 4:2:0, RGB, HSV/HSL
Multimedia:
• Display subsystem
– Single display support
– Up to 2048x1080 @ 60fps
– Up to 165MHz pixel clock support with
independent PLL
– DPI 24-bit RGB parallel interface
– Supports safety features such as freeze frame
detection and MISR data check
• One Camera Serial interface (CSI-2) Receiver with
4-Lane D-PHY
– MIPI® CSI-2 v1.3 Compliant + MIPI D-PHY 1.2
– Support for 1,2,3 or 4 data lane mode up to
2.5Gbps per lane
– ECC verification/correction with CRC check +
ECC on RAM
– Virtual Channel support (up to 16)
– Ability to write stream data directly to DDR via
DMA
• Video Encoder/Decoder
– Support for HEVC (H.265) Main profiles at
Level 5.1 High-tier
– Support for H.264 BaseLine/Main/High Profiles
at Level 5.2
– Support for up to 4K UHD resolution
(3840 × 2160)
• Clocking options supporting 240MPixels/s,
120MPixels/s, or 60MPixels/s
• Motion JPEG encode at 416MPixels/s with
resolutions up to 4K UHD (3840 × 2160)
Memory Subsystem:
• Up to 2.29MB of On-chip RAM
– 64KB of On-Chip RAM (OCRAM) with
SECDED ECC, can be divided into smaller
banks in increments of 32KB for as many as
2 separate memory banks
– 256KB of On-Chip RAM with SECDED ECC in
SMS Subsystem
– 176KB of On-Chip RAM with SECDED ECC in
SMS Subsystem for TI security firmware
– 512KB of On-chip RAM with SECDED ECC in
Cortex-R5F MCU Subsystem
– 64KB of On-chip RAM with SECDED ECC in
Device/Power Manager Subsystem
– 1.25MB of L2 SRAM with SECDED ECC in C7x
Deep Learning Accelerator
• DDR Subsystem (DDRSS)
– Supports LPDDR4
– 32-bit data bus with inline ECC
– Supports speeds up to 3733MT/s
– Max addressable range of 8GBytes
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1-Q1
SPRSP77D – MARCH 2023 – REVISED JUNE 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AM62A7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM62A7 TI-AM62A7 Datasheet
4Mb / 218P
AM62Ax Sitara™ Processors
MARCH 2023
AM62A7 TI1-AM62A7 Datasheet
4Mb / 238P
AM62Ax Sitara™ Processors
REVISED AUGUST 2023
AM62A7 TI1-AM62A7 Datasheet
4Mb / 238P
AM62Ax Sitara™ Processors
AUGUST 2023
AM62A7 TI1-AM62A7 Datasheet
4Mb / 237P
AM62Ax Sitara™ Processors
AUGUST 2023
AM62A7 TI1-AM62A7 Datasheet
4Mb / 248P
AM62Ax Sitara™ Processors
JANUARY 2025
More results

Similar Description - AM62A7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
Sitara Processors
AM6442 TI-AM6442_V02 Datasheet
5Mb / 244P
AM64x Sitara™ Processors
REVISED JULY 2022
AM6442 TI-AM6442_V03 Datasheet
6Mb / 260P
AM64x Sitara™ Processors
REVISED SEPTEMBER 2022
AM625 TI-AM625_V02 Datasheet
4Mb / 255P
AM62x Sitara™ Processors
REVISED NOVEMBER 2022
AM625 TI-AM625_V03 Datasheet
4Mb / 255P
AM62x Sitara™ Processors
REVISED NOVEMBER 2022
AM62A7 TI-AM62A7 Datasheet
4Mb / 218P
AM62Ax Sitara™ Processors
MARCH 2023
AM625 TI-AM625_V04 Datasheet
4Mb / 256P
AM62x Sitara™ Processors
REVISED NOVEMBER 2022
AM625 TI1-AM625_V05 Datasheet
5Mb / 259P
AM62x Sitara™ Processors
REVISED JUNE 2023
AM62A7 TI1-AM62A7_V01 Datasheet
4Mb / 238P
AM62Ax Sitara™ Processors
REVISED AUGUST 2023
AM6442 TI1-AM6442_V04 Datasheet
6Mb / 263P
AM64x Sitara™ Processors
REVISED SEPTEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com