Electronic Components Datasheet Search
  English  ▼

X  

AM62A7 Datasheet(PDF) 65 Page - Texas Instruments

Part # AM62A7
Description  AM62Ax Sitara™ Processors
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM62A7 Datasheet(HTML) 65 Page - Texas Instruments

Back Button AM62A7 Datasheet HTML 61Page - Texas Instruments AM62A7 Datasheet HTML 62Page - Texas Instruments AM62A7 Datasheet HTML 63Page - Texas Instruments AM62A7 Datasheet HTML 64Page - Texas Instruments AM62A7 Datasheet HTML 65Page - Texas Instruments AM62A7 Datasheet HTML 66Page - Texas Instruments AM62A7 Datasheet HTML 67Page - Texas Instruments AM62A7 Datasheet HTML 68Page - Texas Instruments AM62A7 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 247 page
background image
5.3.18 OSPI
5.3.18.1 MAIN Domain
Table 5-47. OSPI0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
OSPI0_CLK
O
OSPI Clock
L22
L22
OSPI0_DQS
I
OSPI Data Strobe (DQS) or Loopback Clock
Input
L21
L21
OSPI0_ECC_FAIL
I
OSPI ECC Status
G20
G20
OSPI0_LBCLKO
IO
OSPI Loopback Clock Output
K22
K22
OSPI0_CSn0
O
OSPI Chip Select 0 (active low)
H21
H21
OSPI0_CSn1
O
OSPI Chip Select 1 (active low)
G19
G19
OSPI0_CSn2
O
OSPI Chip Select 2 (active low)
K20
K20
OSPI0_CSn3
O
OSPI Chip Select 3 (active low)
G20
G20
OSPI0_D0
IO
OSPI Data 0
J21
J21
OSPI0_D1
IO
OSPI Data 1
J18
J18
OSPI0_D2
IO
OSPI Data 2
J19
J19
OSPI0_D3
IO
OSPI Data 3
H18
H18
OSPI0_D4
IO
OSPI Data 4
K21
K21
OSPI0_D5
IO
OSPI Data 5
H19
H19
OSPI0_D6
IO
OSPI Data 6
J20
J20
OSPI0_D7
IO
OSPI Data 7
J22
J22
OSPI0_RESET_OUT0
O
OSPI Reset
G20
G20
OSPI0_RESET_OUT1
O
OSPI Reset
K20
K20
5.3.19 Power Supply
Table 5-48. Power Supply Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
CAP_VDDS0 (1)
CAP
External capacitor connection for IO group 0
G13
G13
CAP_VDDS1 (1)
CAP
External capacitor connection for IO group 1
K16
K16
CAP_VDDS2 (1)
CAP
External capacitor connection for IO group 2
T14
T14
CAP_VDDS3 (1)
CAP
External capacitor connection for IO group 3
M16
M16
CAP_VDDS4 (1)
CAP
External capacitor connection for IO group 4
R8
R8
CAP_VDDS5 (1)
CAP
External capacitor connection for IO group 5
G15
G15
CAP_VDDS6 (1)
CAP
External capacitor connection for IO group 6
J16
J16
CAP_VDDS_CANUART (1)
CAP
External capacitor connection for IO CANUART
G8
G8
CAP_VDDS_MCU (1)
CAP
External capacitor connection for IO MCU
G10
G10
VDDA_1P8_USB
PWR
USB0 and USB1 1.8V analog supply
T10
T10
VDDA_1P8_CSIRX0
PWR
CSIRX0 1.8V analog supply
T12
T12
VDDA_3P3_USB
PWR
USB0 and USB1 3.3V analog supply
U10
U10
VDDA_CORE_CSIRX0
PWR
CSIRX0 core supply
T11
T11
VDDA_CORE_USB
PWR
USB0 and USB1 core supply
T9
T9
VDDA_DDR_PLL0
PWR
DDR Deskew PLL supply
M9
M9
VDDA_MCU
PWR
RCOSC, POR, POK, and MCU_PLL0 analog
supply
J10
J10
VDDA_PLL0
PWR
MAIN_PLL0 and MAIN_PLL5 analog supply
N9
N9
VDDA_PLL1
PWR
MAIN_PLL1 and MAIN_PLL2 analog supply
R11
R11
VDDA_PLL2
PWR
MAIN_PLL7 and MAIN_PLL17 analog supply
M13
M13
www.ti.com
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1-Q1
SPRSP77D – MARCH 2023 – REVISED JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
65
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 AM62A1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com