Electronic Components Datasheet Search
  English  ▼

X  

AM62A7 Datasheet(PDF) 13 Page - Texas Instruments

Part # AM62A7
Description  AM62Ax Sitara™ Processors
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM62A7 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AM62A7 Datasheet HTML 9Page - Texas Instruments AM62A7 Datasheet HTML 10Page - Texas Instruments AM62A7 Datasheet HTML 11Page - Texas Instruments AM62A7 Datasheet HTML 12Page - Texas Instruments AM62A7 Datasheet HTML 13Page - Texas Instruments AM62A7 Datasheet HTML 14Page - Texas Instruments AM62A7 Datasheet HTML 15Page - Texas Instruments AM62A7 Datasheet HTML 16Page - Texas Instruments AM62A7 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 247 page
background image
10. I/O OPERATING VOLTAGE: This column describes I/O operating voltage options of the respective power
supply, when applicable.
An empty box means Not Applicable.
For more information, see valid operating voltage range(s) defined for each power supply in Section 6.5,
Recommended Operating Conditions.
11. POWER: The power supply of the associated I/O, when applicable.
An empty box means Not Applicable.
12. HYS: Indicates if the input buffer associated with this I/O has hysteresis:
• Yes: With hysteresis
• No: Without hysteresis
• An empty box means Not Applicable.
For more information, see the hysteresis values in Section 6.8, Electrical Characteristics.
13. BUFFER TYPE: This column defines the buffer type associated with a terminal. This information can be
used to determine which Electrical Characteristics table is applicable.
An empty box means Not Applicable.
For electrical characteristics, refer to the appropriate buffer type table in Section 6.8, Electrical
Characteristics.
14. PULL UP/DOWN TYPE: Indicates the presence of an internal pullup or pulldown resistor. Pullup and
pulldown resistors can be enabled or disabled via software.
• PU: Internal pull-up
• PD: Internal pull-down
• PU/PD: Internal pull-up and pull-down
• An empty box means No internal pull.
15. PADCONFIG Register:Name of the IO pad configuration register associated with Ball.
 
16. PADCONFIG Address:Physical address of the IO pad configuration register associated with Ball.
www.ti.com
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1-Q1
SPRSP77D – MARCH 2023 – REVISED JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 AM62A1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com