Electronic Components Datasheet Search
  English  ▼

X  

M58LR256KC Datasheet(PDF) 45 Page - Numonyx B.V

Part # M58LR256KC
Description  128 or 256 Mbit (x16, mux I/O, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR256KC Datasheet(HTML) 45 Page - Numonyx B.V

Back Button M58LR256KC Datasheet HTML 41Page - Numonyx B.V M58LR256KC Datasheet HTML 42Page - Numonyx B.V M58LR256KC Datasheet HTML 43Page - Numonyx B.V M58LR256KC Datasheet HTML 44Page - Numonyx B.V M58LR256KC Datasheet HTML 45Page - Numonyx B.V M58LR256KC Datasheet HTML 46Page - Numonyx B.V M58LR256KC Datasheet HTML 47Page - Numonyx B.V M58LR256KC Datasheet HTML 48Page - Numonyx B.V M58LR256KC Datasheet HTML 49Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 108 page
background image
M58LRxxxKC, M58LRxxxKD
Read modes
45/108
7
Read modes
Read operations can be performed in two different ways depending on the settings in the
Configuration Register. If the clock signal is ‘don’t care’ for the data output, the read
operation is asynchronous. If the data output is synchronized with clock, the read operation
is synchronous.
The read mode and format of the data output are determined by the Configuration Register
(see Section 6: Configuration Register for details). All banks support both asynchronous
and synchronous read operations.
7.1
Asynchronous read mode
In asynchronous read operations the clock signal is ‘don’t care’. The device outputs the data
corresponding to the address latched, that is the memory array, Status Register, common
Flash interface or electronic signature depending on the command issued. CR15 in the
Configuration Register must be set to ‘1’ for asynchronous operations.
The device features an automatic standby mode. During asynchronous read operations,
after a bus inactivity of 150 ns, the device automatically switches to the automatic standby
mode. In this condition the power consumption is reduced to the standby value and the
outputs are still driven.
In asynchronous read mode, the WAIT signal is always de-asserted.
See Table 24: Asynchronous read AC characteristics and Figure 9: Asynchronous random
access read AC waveforms for details.
7.2
Synchronous burst read mode
In synchronous burst read mode the data is output in bursts synchronized with the clock. It is
possible to perform burst reads across bank boundaries.
Synchronous burst read mode can only be used to read the memory array. For other read
operations, such as read Status Register, read CFI and read electronic signature, single
synchronous read or asynchronous random access read must be used.
In synchronous burst read mode the flow of the data output depends on parameters that are
configured in the Configuration Register.
A burst sequence starts at the first clock edge (rising or falling depending on valid clock
edge bit CR6 in the Configuration Register) after the falling edge of Latch Enable or Chip
Enable, whichever occurs last. Addresses are internally incremented and data is output on
each data cycle after a delay which depends on the X latency bits CR13-CR11 of the
Configuration Register.
The number of words to be output during a synchronous burst read operation can be
configured as 4 words, 8 words, 16 words or continuous (burst length bits CR2-CR0). The
data can be configured to remain valid for one or two clock cycles (data output configuration
bit CR9).
The order of the data output can be modified through the wrap burst bit in the Configuration
Register. The burst sequence is sequential and can be confined inside the 4, 8 or 16 word
boundary (wrap) or overcome the boundary (no wrap).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com