Electronic Components Datasheet Search
  English  ▼

X  

M58LR256KC Datasheet(PDF) 85 Page - Numonyx B.V

Part # M58LR256KC
Description  128 or 256 Mbit (x16, mux I/O, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR256KC Datasheet(HTML) 85 Page - Numonyx B.V

Back Button M58LR256KC Datasheet HTML 81Page - Numonyx B.V M58LR256KC Datasheet HTML 82Page - Numonyx B.V M58LR256KC Datasheet HTML 83Page - Numonyx B.V M58LR256KC Datasheet HTML 84Page - Numonyx B.V M58LR256KC Datasheet HTML 85Page - Numonyx B.V M58LR256KC Datasheet HTML 86Page - Numonyx B.V M58LR256KC Datasheet HTML 87Page - Numonyx B.V M58LR256KC Datasheet HTML 88Page - Numonyx B.V M58LR256KC Datasheet HTML 89Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 108 page
background image
M58LRxxxKC, M58LRxxxKD
Common Flash interface
85/108
Table 49.
Bank and erase block region information(1) (2)
1.
The variable P is a pointer that is defined at CFI offset 015h.
2.
bank regions. There are two bank regions, see Table 31, Table 34, Table 37 and Table 40.
Flash memory (top)
Flash memory (bottom)
Description
Offset
Data
Offset
Data
(P+23)h = 12Dh
02h
(P+23)h = 12Dh
02h
Number of bank regions within the device
Table 50.
Bank and erase block region 1 information
Flash memory (top)
Flash memory (bottom)
Description
Offset(1)
Data
Offset(1)
Data
(P+24)h = 12Eh
0Fh
(P+24)h = 12Eh
01h
Number of identical banks within bank region 1
(P+25)h = 12Fh
00h
(P+25)h = 12Fh
00h
(P+26)h = 130h
11h
(P+26)h = 130h
11h
Number of program or erase operations
allowed in bank region 1:
Bits 0-3: Number of simultaneous program
operations
Bits 4-7: Number of simultaneous erase
operations
(P+27)h = 131h
00h
(P+27)h = 131h
00h
Number of program or erase operations
allowed in other banks while a bank in same
region is programming
Bits 0-3: Number of simultaneous program
operations
Bits 4-7: Number of simultaneous erase
operations
(P+28)h = 132h
00h
(P+28)h = 132h
00h
Number of program or erase operations
allowed in other banks while a bank in this
region is erasing
Bits 0-3: Number of simultaneous program
operations
Bits 4-7: Number of simultaneous erase
operations
(P+29)h = 133h
01h
(P+29)h = 133h
02h
Types of erase block regions in bank region 1
n = number of erase block regions with
contiguous same-size erase blocks.
Symmetrically blocked banks have one
blocking region(2)
(P+2A)h = 134h
07h(3)
0Fh(4)
(P+2A)h = 134h
03h
Bank region 1 erase block type 1 information
Bits 0-15: n+1 = number of identical-sized
erase blocks
Bits 16-31: n×256 = number of bytes in erase
block region
(P+2B)h = 135h
00h
(P+2B)h = 135h
00h
(P+2C)h = 136h
00h
(P+2C)h = 136h
80h
(P+2D)h = 137h
02h
(P+2D)h = 137h
00h
(P+2E)h = 138h
64h
(P+2E)h = 138h
64h
Bank region 1 (erase block type 1)
Minimum block erase cycles × 1000
(P+2F)h = 139h
00h
(P+2F)h = 139h
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com