Electronic Components Datasheet Search
  English  ▼

X  

M58LR256KC Datasheet(PDF) 58 Page - Numonyx B.V

Part # M58LR256KC
Description  128 or 256 Mbit (x16, mux I/O, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR256KC Datasheet(HTML) 58 Page - Numonyx B.V

Back Button M58LR256KC Datasheet HTML 54Page - Numonyx B.V M58LR256KC Datasheet HTML 55Page - Numonyx B.V M58LR256KC Datasheet HTML 56Page - Numonyx B.V M58LR256KC Datasheet HTML 57Page - Numonyx B.V M58LR256KC Datasheet HTML 58Page - Numonyx B.V M58LR256KC Datasheet HTML 59Page - Numonyx B.V M58LR256KC Datasheet HTML 60Page - Numonyx B.V M58LR256KC Datasheet HTML 61Page - Numonyx B.V M58LR256KC Datasheet HTML 62Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 108 page
background image
DC and AC parameters
M58LRxxxKC, M58LRxxxKD
58/108
Table 23.
DC characteristics - voltages
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VIL
Input low voltage
0
0.4
V
VIH
Input high voltage
VDDQ –0.4
VDDQ + 0.4
V
VOL
Output low voltage
IOL = 100 µA
0.1
V
VOH
Output high voltage
IOH = –100 µA
VDDQ –0.1
V
VPP1
VPP program voltage-logic
Program, erase
1.3
1.8
3.3
V
VPPH
VPP program voltage factory
Program, erase
8.5
9.0
9.5
V
VPPLK
Program or erase lockout
0.4
V
VLKO
VDD lock voltage
1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com