Electronic Components Datasheet Search
  English  ▼

X  

M58LR256KC Datasheet(PDF) 32 Page - Numonyx B.V

Part # M58LR256KC
Description  128 or 256 Mbit (x16, mux I/O, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR256KC Datasheet(HTML) 32 Page - Numonyx B.V

Back Button M58LR256KC Datasheet HTML 28Page - Numonyx B.V M58LR256KC Datasheet HTML 29Page - Numonyx B.V M58LR256KC Datasheet HTML 30Page - Numonyx B.V M58LR256KC Datasheet HTML 31Page - Numonyx B.V M58LR256KC Datasheet HTML 32Page - Numonyx B.V M58LR256KC Datasheet HTML 33Page - Numonyx B.V M58LR256KC Datasheet HTML 34Page - Numonyx B.V M58LR256KC Datasheet HTML 35Page - Numonyx B.V M58LR256KC Datasheet HTML 36Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 108 page
background image
Command interface
M58LRxxxKC, M58LRxxxKD
32/108
Table 9.
Protection Register locks
Lock
Description
Number
Address
Bits
Lock 1
80h
Bit 0
Preprogrammed to protect unique device number, address
81h to 84h in PR0
Bit 1
Protects 64 bits of OTP segment, address 85h to 88h in PR0
Bits 2 to 15
Reserved
Lock 2
89h
Bit 0
Protects 128 bits of OTP segment PR1
Bit 1
Protects 128 bits of OTP segment PR2
Bit 2
Protects 128 bits of OTP segment PR3
Bit 13
Protects 128 bits of OTP segment PR14
Bit 14
Protects 128 bits of OTP segment PR15
Bit 15
Protects 128 bits of OTP segment PR16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com