Electronic Components Datasheet Search
  English  ▼

X  

M58LR256KC Datasheet(PDF) 23 Page - Numonyx B.V

Part # M58LR256KC
Description  128 or 256 Mbit (x16, mux I/O, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR256KC Datasheet(HTML) 23 Page - Numonyx B.V

Back Button M58LR256KC Datasheet HTML 19Page - Numonyx B.V M58LR256KC Datasheet HTML 20Page - Numonyx B.V M58LR256KC Datasheet HTML 21Page - Numonyx B.V M58LR256KC Datasheet HTML 22Page - Numonyx B.V M58LR256KC Datasheet HTML 23Page - Numonyx B.V M58LR256KC Datasheet HTML 24Page - Numonyx B.V M58LR256KC Datasheet HTML 25Page - Numonyx B.V M58LR256KC Datasheet HTML 26Page - Numonyx B.V M58LR256KC Datasheet HTML 27Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 108 page
background image
M58LRxxxKC, M58LRxxxKD
Command interface
23/108
4.9
Buffer Program command
The Buffer Program command uses the device’s 32-word write buffer to speed up
programming. Up to 32 words can be loaded into the write buffer. The Buffer Program
command dramatically reduces in-system programming time compared to the standard non-
buffered Program command.
Four successive steps are required to issue the Buffer Program command:
1.
The first bus write cycle sets up the Buffer Program command. The setup code can be
addressed to any location within the targeted block.
After the first bus write cycle, read operations in the bank output the contents of the
Status Register. Status Register bit SR7 should be read to check that the buffer is
available (SR7 = 1). If the buffer is not available (SR7 = 0), re-issue the Buffer Program
command to update the Status Register contents.
2.
The second bus write cycle sets up the number of words to be programmed. Value n is
written to the same block address, where n+1 is the number of words to be
programmed.
3.
Use n+1 bus write cycles to load the address and data for each word into the write
buffer. Addresses must lie within the range from the start address to the start
address + n, where the start address is the location of the first data to be programmed.
Optimum performance is obtained when the start address corresponds to a 32-word
boundary.
4.
The final bus write cycle confirms the Buffer Program command and starts the program
operation.
All the addresses used in the buffer program operation must be within the same block.
Address combinations that are invalid or that do not follow the correct bus write cycle
sequence set an error in the Status Register and abort the operation without affecting the
data in the memory array.
If the block being programmed is protected an error is set in the Status Register and the
operation aborts without affecting the data in the memory array.
During buffer program operations the bank being programmed only accepts the Read Array,
Read Status Register, Read Electronic Signature, Read CFI Query, and Program/Erase
Suspend commands; all other commands are ignored.
Refer to Section 8 for detailed information about simultaneous operations allowed in banks
not being programmed.
See Appendix C, Figure 19: Buffer program flowchart and pseudocode for a suggested
flowchart on using the Buffer Program command.
4.10
Buffer Enhanced Factory Program command
The Buffer Enhanced Factory Program command has been specially developed to speed up
programming in manufacturing environments where the programming time is critical.
It is used to program one or more write buffer(s) of 32 words to a block. Once the device
enters buffer enhanced factory program mode, the write buffer can be reloaded any number
of times as long as the address remains within the same block. Only one block can be
programmed at a time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com